Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1117IDXXG-13 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP1117IDXXG-13
Description  1A DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1117IDXXG-13 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP1117IDXXG-13 Datasheet HTML 3Page - Diodes Incorporated AP1117IDXXG-13 Datasheet HTML 4Page - Diodes Incorporated AP1117IDXXG-13 Datasheet HTML 5Page - Diodes Incorporated AP1117IDXXG-13 Datasheet HTML 6Page - Diodes Incorporated AP1117IDXXG-13 Datasheet HTML 7Page - Diodes Incorporated AP1117IDXXG-13 Datasheet HTML 8Page - Diodes Incorporated AP1117IDXXG-13 Datasheet HTML 9Page - Diodes Incorporated AP1117IDXXG-13 Datasheet HTML 10Page - Diodes Incorporated AP1117IDXXG-13 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AP1117/AP1117I
Document number: DS31009 Rev. 23 - 2
7 of 13
www.diodes.com
June 2013
© Diodes Incorporated
AP1117/AP1117I
Ordering Information
Device
Junction
Temperature
Range
Package
Code
Packaging
(Note 10)
Tube
13” Tape and Reel
Quantity
Part
Number
Suffix
Quantity
Part Number
Suffix
AP1117DXXL-13
0 to +125°C
D
TO252
NA
NA
2500/Tape & Reel
-13
AP1117DXXG-13
-20 to +125°C
D
TO252
NA
NA
2500/Tape & Reel
-13
AP1117IDXXG-13
-40 to +125°C
D
TO252
NA
NA
2500/Tape & Reel
-13
AP1117EXXL-13
0 to +125°C
E
SOT223
NA
NA
2500/Tape & Reel
-13
AP1117EXXG-13
-20 to +125°C
E
SOT223
NA
NA
2500/Tape & Reel
-13
AP1117IEXXG-13
-40 to +125°C
E
SOT223
NA
NA
2500/Tape & Reel
-13
AP1117KXXL-13
0 to +125°C
K
TO263
NA
NA
800/Tape & Reel
-13
AP1117KXXG-13
0 to +125°C
K
TO263
NA
NA
800/Tape & Reel
-13
AP1117TXXL-U
0 to +125°C
T
TO220-3
50
-U
NA
NA
AP1117TXXG-U
0 to +125°C
T
TO220-3
50
-U
NA
NA
AP1117YXXL-13
0 to +125°C
Y
SOT89-3
NA
NA
2500/Tape & Reel
-13
AP1117YXXG-13
0 to +125°C
Y
SOT89-3
NA
NA
2500/Tape & Reel
-13
Notes: 10. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Note:
11. 22uF is suggested for Cin/Cout value when application is required to work under 0℃.
400
300
200
100
0600
500
800
700
900
COPPER AREA (mm )
2
1.6
0.6
1.5
1.4
1.3
0.9
0.8
0.7
1.2
1.1
1.0
160
60
150
140
130
90
80
70
120
110
100
P vs. Copper area
1oz Cu on FR4
D
JA vs. Copper area
1oz Cu on Fr4
Temperature
Package
V
OUT
Lead Free
Packing
Blank : Commercial
I : Industrial
D : TO252
E : SOT223
K : TO263
T : TO220-3
Y : SOT89-3
Blank : ADJ
15 : 1.5V
18 : 1.8V
25 : 2.5V
33 : 3.3V
50 : 50V
L : Lead Free
G : Green
U : Tube
13 : Tape & Reel
AP1117 X X XX X X
-
Pb
Lead-Free
Pb
Lead-Free
Pb
Lead-Free
Pb
Lead-Free
Pb
Lead-Free


Similar Part No. - AP1117IDXXG-13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1117 ANACHIP-AP1117 Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1117 DIODES-AP1117 Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117 DIODES-AP1117 Datasheet
179Kb / 12P
   1A LOW DROPOUT POSITIVE ADJUSTABLE
AP1117 Rev. 19
logo
Anachip Corp
AP1117-1.5 ANACHIP-AP1117-1.5 Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1117-1.8 ANACHIP-AP1117-1.8 Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - AP1117IDXXG-13

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com