Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1117TXXL-U Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1117TXXL-U
Description  1A DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1117TXXL-U Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1117TXXL-U Datasheet HTML 1Page - Diodes Incorporated AP1117TXXL-U Datasheet HTML 2Page - Diodes Incorporated AP1117TXXL-U Datasheet HTML 3Page - Diodes Incorporated AP1117TXXL-U Datasheet HTML 4Page - Diodes Incorporated AP1117TXXL-U Datasheet HTML 5Page - Diodes Incorporated AP1117TXXL-U Datasheet HTML 6Page - Diodes Incorporated AP1117TXXL-U Datasheet HTML 7Page - Diodes Incorporated AP1117TXXL-U Datasheet HTML 8Page - Diodes Incorporated AP1117TXXL-U Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AP1117/AP1117I
Document number: DS31009 Rev. 23 - 2
5 of 13
www.diodes.com
June 2013
© Diodes Incorporated
AP1117/AP1117I
Typical Performance Characteristics
0
2.0
0
250
500
750
1000
OUTPUT CURRENT (mA)
Dropout Voltage vs. Output Current
1.8
1.6
1.4
1.2
1.0
0.8
0.2
0.4
0.6
T = 25°C
J
T = 125°C
J
-40
0
25
50
75
100
125
I
= 800mA
LOAD
TEMPERATURE (°C)
Load Regulation vs. Temperature
0.20
0
-0.20
-0.40
-0.80
-1
-40
-25
0
25
50
75
100 125 150
2
TEMPERATURE (°C)
Percent Change in Output Voltage vs. Temperature
1.5
1
0.5
0
-0.5
-1
-2
-1.5
0.8
1
24
6
8
10
12
INPUT VOLTAGE (V)
Line Regulation
0.6
0.4
0.2
0
7.5
0
20 40
60 80 100 120 140 160 180 200
C
= 1µF
C
= 10µF Tantalum
IN
OUT
TIME (µs)
Line Transient Response
6.5
5.5
40
20
0
-20
-40
010 20 30 40 50
60 70 80 90 100
-1
0
1
2
-20
-10
0
10
20
30
C
= 1µF
C
= 10µF Tantalum
Preload = 100mA
IN
OUT
TIME (µs)
Load Transient Response


Similar Part No. - AP1117TXXL-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1117TXXL-U DIODES-AP1117TXXL-U Datasheet
179Kb / 12P
   1A LOW DROPOUT POSITIVE ADJUSTABLE
AP1117 Rev. 19
More results

Similar Description - AP1117TXXL-U

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com