Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1117TXXG-U Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP1117TXXG-U
Description  1A DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1117TXXG-U Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP1117TXXG-U Datasheet HTML 5Page - Diodes Incorporated AP1117TXXG-U Datasheet HTML 6Page - Diodes Incorporated AP1117TXXG-U Datasheet HTML 7Page - Diodes Incorporated AP1117TXXG-U Datasheet HTML 8Page - Diodes Incorporated AP1117TXXG-U Datasheet HTML 9Page - Diodes Incorporated AP1117TXXG-U Datasheet HTML 10Page - Diodes Incorporated AP1117TXXG-U Datasheet HTML 11Page - Diodes Incorporated AP1117TXXG-U Datasheet HTML 12Page - Diodes Incorporated AP1117TXXG-U Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AP1117/AP1117I
Document number: DS31009 Rev. 23 - 2
10 of 13
www.diodes.com
June 2013
© Diodes Incorporated
AP1117/AP1117I
Package Outline Dimensions (cont.) (All dimensions in mm.)
(2) Package Type: TO252
(3) Package Type: SOT89
(4) Package Type: TO263
TO252
Dim
Min
Max
Typ
A
2.19
2.39
2.29
A1
0.00
0.13
0.08
A2
0.97
1.17
1.07
b
0.64
0.88
0.783
b2
0.76
1.14
0.95
b3
5.21
5.46
5.33
c2
0.45
0.58
0.531
D
6.00
6.20
6.10
D1
5.21
e
2.286
E
6.45
6.70
6.58
E1
4.32
H
9.40
10.41
9.91
L
1.40
1.78
1.59
L3
0.88
1.27
1.08
L4
0.64
1.02
0.83
a
10°
All Dimensions in mm
SOT89
Dim
Min
Max
A
1.40
1.60
B
0.44
0.62
B1
0.35
0.54
C
0.35
0.44
D
4.40
4.60
D1
1.62
1.83
E
2.29
2.60
e
1.50 Typ
H
3.94
4.25
H1
2.63
2.93
L
0.89
1.20
All Dimensions in mm
TO263
Dim
Min
Max
A
4.07
4.82
A1
0.00
0.25
b
0.51
0.99
b2
1.15
1.77
c
0.356
0.73
c2
1.143
1.65
D
8.39
9.65
D1
6.55
E
9.66
10.66
E1
6.23
e
2.54 Typ
H
14.61
15.87
L
1.78
2.79
L1
1.67
L2

1.77
a
All Dimensions in mm
b3
E
2X b2
D
L4
A
c2
e
A1
L
L3
3X b
a
H
A2
E1
E
H
D1
B1
B
e
C
L
A
D
8° (4X)
H
1
R0
.2
00
E
D
b2
b
e
c2
A
H
See Detail B
7°±1°
c
E1
D1
A1
Gauge Plane
L
L3
a
Detail B
Seating
Plane
L2
L1
12
K


Similar Part No. - AP1117TXXG-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1117TXXG-U DIODES-AP1117TXXG-U Datasheet
179Kb / 12P
   1A LOW DROPOUT POSITIVE ADJUSTABLE
AP1117 Rev. 19
More results

Similar Description - AP1117TXXG-U

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com