Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP431AN-B Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP431AN-B
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP431AN-B Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP431AN-B Datasheet HTML 1Page - Advanced Power Electronics Corp. AP431AN-B Datasheet HTML 2Page - Advanced Power Electronics Corp. AP431AN-B Datasheet HTML 3Page - Advanced Power Electronics Corp. AP431AN-B Datasheet HTML 4Page - Advanced Power Electronics Corp. AP431AN-B Datasheet HTML 5Page - Advanced Power Electronics Corp. AP431AN-B Datasheet HTML 6Page - Advanced Power Electronics Corp. AP431AN-B Datasheet HTML 7Page - Advanced Power Electronics Corp. AP431AN-B Datasheet HTML 8Page - Advanced Power Electronics Corp. AP431AN-B Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.a-power.com.tw
3
Advanced Power
Electronics Corp.
AP431A
Absolute Maximum Ratings
Cathode Voltage ………………………………......….........................…...……………………………...……….36V
Continuous Cathode Current ………………………….…….............…................…………….... -10mA ~ 250mA
Reference Input Current Range ……………..………..............…….................................………….…....... 10mA
Operating Temperature Range ………….…………..…….…….....………………...........………......-40
oC ~ 85oC
Lead Temperature………………………….………….…….…………....…………………….........…............ 260
oC
Storage Temperature ……………………………......…....….............………………..……...…....... -65
oC ~ 150oC
Power Dissipation (Notes 1. 2)
TO-92 Package ….…………..………………………....………….....… 0.78W
SOT-23 Package .…...…………..…………….......…………………… 0.25W
SOT-25 Package……………………...…………….………….………..0.25W
SOP-8 Package……………….………………………………………… 0.6W
Note 1: TJ, max =150
oC
Note 2: Ratings apply to ambient temperature at 25
oC
Electrical Characteristics (Ta=25
oC , unless otherwise specified.)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP. MAX. UNIT
-B
2.470 2.495 2.520
Reference voltage
VKA = VREF,
I KA = 10mA (Fig.1) -A
VREF
2.482
2.507
V
Deviation of Reference input voltage
over temperature (Note 3)
VKA = VREF, IKA = 10mA,
Ta = Full range (Fig.1)
VREF
8.0
20
mV
VKA = 10V
~VREF
∆VREF
-1.4
-2.0 mV/V
Ratio of the change in Reference
voltage to the change in Cathode
voltage
IKA = 10mA (Fig.2)
VKA= 36V ~10V
∆VKA
-1
-2
mV/V
Reference input current
R1 = 10KΩ,R2 = ∞ IKA= 10mA
(Fig.2)
IREF
1.4
3.5
µA
Deviation of Reference input current
over temperature
R1 = 10KΩ,R2 = ∞ IKA = 10mA
Ta = Full range (Fig.2)
αIREF
0.4
1.2
µA
Minimum Cathode current for
regulation
VKA = VREF (Fig.1)
IKA(MIN)
0.19
0.5
mA
Off-state current
VKA = 36V, VREF = 0V (Fig.3)
IKA(OFF)
0.1
1.0
µA
Dynamic output impedance (Note 4)
V KA = VREF
Frequency
1KHz (Fig.1)
KA
Z
0.2
0.5
VMAX
VMIN
TI
T2
TEMPERATURE
VDEV = VMAX - VMIN
SOP-89 Package............................................................................... 0.5W


Similar Part No. - AP431AN-B

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP431A ANACHIP-AP431A Datasheet
323Kb / 17P
   Adjustable Precision Shunt Regulator
logo
Diodes Incorporated
AP431A DIODES-AP431A Datasheet
285Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATOR
AP431/AP431A Rev. 5
AP431A DIODES-AP431A Datasheet
303Kb / 16P
   ADJUSTABLE PRECISION SHUNT REGULATOR
DS31002 Rev. 15 - 2
logo
Anachip Corp
AP431AA ANACHIP-AP431AA Datasheet
323Kb / 17P
   Adjustable Precision Shunt Regulator
logo
Diodes Incorporated
AP431AG-13 DIODES-AP431AG-13 Datasheet
285Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATOR
AP431/AP431A Rev. 5
More results

Similar Description - AP431AN-B

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com