Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP432G-B Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP432G-B
Description  Adjustable Precision Shunt Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP432G-B Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP432G-B Datasheet HTML 1Page - Advanced Power Electronics Corp. AP432G-B Datasheet HTML 2Page - Advanced Power Electronics Corp. AP432G-B Datasheet HTML 3Page - Advanced Power Electronics Corp. AP432G-B Datasheet HTML 4Page - Advanced Power Electronics Corp. AP432G-B Datasheet HTML 5Page - Advanced Power Electronics Corp. AP432G-B Datasheet HTML 6Page - Advanced Power Electronics Corp. AP432G-B Datasheet HTML 7Page - Advanced Power Electronics Corp. AP432G-B Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Adjustable Precision Shunt Regulator
AP432
This datasheet contains new product information. Advanced Power Electronics Corp. reserves the rights to modify the product specification without notice. No liability is assumed as
a result of the use of this product. No rights under any patent accompany the sale of the product.
1
Features
- Precision reference voltage
B : 1.24V ± 1%
A : 1.24V ± 0.5%
- Sink current capability: 200mA.
- Minimum cathode current for regulation: 150µA
- Equivalent full-range temp coefficient: 30 ppm/
oC
- Fast turn-on Response.
- Low dynamic output impedance: 0.2Ω
- Programmable output voltage to 20v
- Low output noise
- Packages: SOT89, SOT23, SOT25, SOP8 and
TO92
General Description
The
AP432 are 3-terminal adjustable precision shunt
regulators with guaranteed stable
temperature over
the applicable extended
commercial temperature
range. The output voltage
may be set at any level
greater than 1.24\/ (V REF) up to 20V merely by
selecting two external resistors that act as a voltage
divider network. These devices
have a typical output
impedance of 0.2Ω. Active
output circuitry provides
very sharp turn-on
characteristics, making these
devices excellent
improved replacements for Zener
diodes in many applications.
The precise +/- 1% reference voltage tolerance of
the
AP432 make it possible in many applications to avoid
the use of a variable resistor,
consequently saving cost
and eliminating drift and
reliability problems associated
with it.
Ordering Information
A P 4 3 2 X
- X
- RoHS Compliant & Halogen Free Product
Package
Reference Voltage
M
: SOP-8
G
: SOT89
T
: TO92
N
: SOT23
Y
: SOT25
Tolerance:
A
: 1.24V(+/-) 0.5%
B
: 1.24V(+/-)1%
Typical Application Circuit
+
+
R2
R1
VOUT
VIN
VOUT = (1+R1/R2)VREF
Precision Regulator
Cin
Cout
AP432
Advanced Power
Electronics Corp.
20130108V3.1


Similar Part No. - AP432G-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP432G-B DIODES-AP432G-B Datasheet
262Kb / 12P
   ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A Rev. 6
More results

Similar Description - AP432G-B

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com