Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAGX-000035-PB3PPR Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-000035-PB3PPR
Description  GaN on SiC D-Mode Transistor Technology Common-Source Configuration
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-000035-PB3PPR Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button MAGX-000035-PB3PPR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-000035-PB3PPR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAGX-000035-PB3PPR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAGX-000035-PB3PPR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAGX-000035-PB3PPR Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAGX-000035-PB3PPR Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAGX-000035-PB3PPR Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAGX-000035-PB3PPR Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAGX-000035-PB3PPR Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
GaN Wideband 90 W Pulsed Transistor in Plastic Package
DC - 3.5 GHz
Rev. V3
MAGX-000035-09000P
11
11
11
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macomtech.com/content/customersupport
Applications Section
2.7 - 3.1 GHz, 1 ms Pulse, 10% Duty Cycle, VDD = +50 V, TA = 25°C, Z0 = 50 Ω
Typical Performance Curves (reference 2.7 - 3.1 GHz parts list):
PAE vs. Frequency
Gain vs. Frequency
Output Power vs. Frequency
6
8
10
12
14
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
Frequency (GHz)
40
60
80
100
120
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
Frequency (GHz)
30
40
50
60
70
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
Frequency (GHz)


Similar Part No. - MAGX-000035-PB3PPR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-000035-PB1PPR MA-COM-MAGX-000035-PB1PPR Datasheet
303Kb / 10P
   GaN on SiC D-Mode Transistor Technology Common-Source Configuration
MAGX-000035-PB2PPR MA-COM-MAGX-000035-PB2PPR Datasheet
310Kb / 9P
   GaN on SiC D-Mode Transistor Technology Common-Source Configuration
More results

Similar Description - MAGX-000035-PB3PPR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-000035-05000P MA-COM-MAGX-000035-05000P Datasheet
310Kb / 9P
   GaN on SiC D-Mode Transistor Technology Common-Source Configuration
MAGX-000035-01500P MA-COM-MAGX-000035-01500P Datasheet
303Kb / 10P
   GaN on SiC D-Mode Transistor Technology Common-Source Configuration
MAGX-000035-010000 MA-COM-MAGX-000035-010000 Datasheet
609Kb / 8P
   GaN on SiC HEMT Power Transistor Common-Source configuration
MAGX-001090-600L00 MA-COM-MAGX-001090-600L00 Datasheet
971Kb / 7P
   GaN on SiC HEMT Pulsed Power Transistor Common-Source Configuration
MAGX-000040-00500P MA-COM-MAGX-000040-00500P Datasheet
1,019Kb / 9P
   GaN on SiC D-Mode Transistor Technology
MAGX-000912-500L00 MA-COM-MAGX-000912-500L00 Datasheet
861Kb / 6P
   GaN on SiC Depletion-Mode Transistor Technology
logo
Vishay Siliconix
TLHB44K2M1 VISHAY-TLHB44K2M1 Datasheet
104Kb / 5P
   GaN on SiC technology
Rev. 1.2, 14-Oct-14
logo
M/A-COM Technology Solu...
MAGX-001214-500L00 MA-COM-MAGX-001214-500L00 Datasheet
213Kb / 8P
   GaN on SiC Depletion-Mode Transistor Technology Internally Matched
MAGX-001214-650L0X MA-COM-MAGX-001214-650L0X Datasheet
823Kb / 7P
   Common-Source Configuration
MAGX-000025-150000 MA-COM-MAGX-000025-150000_15 Datasheet
1Mb / 7P
   GaN on SiC HEMT Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com