Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAGX-001090-600L00 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-001090-600L00
Description  GaN on SiC HEMT Pulsed Power Transistor Common-Source Configuration
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-001090-600L00 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAGX-001090-600L00 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAGX-001090-600L00 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAGX-001090-600L00 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-001090-600L00 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAGX-001090-600L00 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAGX-001090-600L00 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAGX-001090-600L00 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GaN on SiC HEMT Pulsed Power Transistor
600 W Peak, 1030 to 1090 MHz, 32 μs Pulse, 2% Duty
Rev. V5
1
11
MAGX-001090-600L00
MAGX-001090-600L0S
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macomtech.com/content/customersupport
Features
 GaN on SiC Depletion-Mode Transistor
Technology
 Internally Matched
 Common-Source Configuration
 Broadband Class AB Operation
 RoHS* Compliant and 260°C Reflow Compatible
 +50 V Typical Operation
 MTTF = 600 years (TJ < 200°C)
Applications
 Civilian Air Traffic Control (ATC), L-Band
secondary radar for IFF and Mode-S avionics.
 Military radar for IFF and Data Links.
Description
The MAGX-001090-600L00 is a gold metalized
matched
Gallium
Nitride
(GaN)
on
Silicon
Carbide (SiC) RF power transistor optimized for
pulsed avionics and radar applications. Using state
of the art wafer fabrication processes, these high
performance
transistors
provide
high
gain,
efficiency, bandwidth, and ruggedness over a wide
bandwidth for today’s demanding application needs.
High breakdown voltages allow for reliable and
stable operation under more extreme
mismatch
load conditions compared with older semiconductor
technologies.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
MAGX-001090-600L00
MAGX-001090-600L0S
Part Number
Description
MAGX-001090-600L00
Flanged
MAGX-001090-600L0S
Flangeless
MAGX-A11090-600L00
1.03 - 1.09 GHz
Evaluation Board
Ordering Information


Similar Part No. - MAGX-001090-600L00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-001090-600L00 MA-COM-MAGX-001090-600L00 Datasheet
1Mb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-001090-600L00 MA-COM-MAGX-001090-600L00 Datasheet
944Kb / 9P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-001090-600L00 MA-COM-MAGX-001090-600L00_15 Datasheet
1Mb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
More results

Similar Description - MAGX-001090-600L00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-000035-010000 MA-COM-MAGX-000035-010000 Datasheet
609Kb / 8P
   GaN on SiC HEMT Power Transistor Common-Source configuration
MAGX-001214-500L00-V2 MA-COM-MAGX-001214-500L00-V2 Datasheet
833Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000035-045000 MA-COM-MAGX-000035-045000_15 Datasheet
922Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000912-250L00 MA-COM-MAGX-000912-250L00_15 Datasheet
794Kb / 6P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000912-500L00 MA-COM-MAGX-000912-500L00_15 Datasheet
1,019Kb / 7P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-003135-120L00 MA-COM-MAGX-003135-120L00_15 Datasheet
632Kb / 7P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-001214-500L00 MA-COM-MAGX-001214-500L00_15 Datasheet
833Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000912-500L0X MA-COM-MAGX-000912-500L0X Datasheet
665Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-001090-600L0X MA-COM-MAGX-001090-600L0X Datasheet
944Kb / 9P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-002731-180L0X MA-COM-MAGX-002731-180L0X Datasheet
833Kb / 9P
   GaN on SiC HEMT Pulsed Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com