Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNA30E2200PA Datasheet(PDF) 2 Page - IXYS Corporation

Part # DNA30E2200PA
Description  Single Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DNA30E2200PA Datasheet(HTML) 2 Page - IXYS Corporation

  DNA30E2200PA Datasheet HTML 1Page - IXYS Corporation DNA30E2200PA Datasheet HTML 2Page - IXYS Corporation DNA30E2200PA Datasheet HTML 3Page - IXYS Corporation DNA30E2200PA Datasheet HTML 4Page - IXYS Corporation DNA30E2200PA Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DNA30E2200PA
V
=
V
A²s
A²s
A²s
A²s
Symbol
Definition
Ratings
typ.
max.
I
R
V
I
A
V
F
1.26
R
0.7 K/W
R
min.
30
VRSM
V
40
T
= 25°C
VJ
T
=
°C
VJ
mA
1.5
V
=
V
R
T
= 25°C
VJ
I =
A
F
V
T =
°C
C
140
P
tot
210
W
T
= 25°C
C
R
K/W
30
2200
max. non-repetitive reverse blocking voltage
reverse current
forward voltage drop
total power dissipation
Conditions
Unit
1.53
T
= 25°C
VJ
150
V
F0
V
0.83
T
=
°C
VJ
175
rF
13.4
mΩ
V
1.24
T
=
°C
VJ
I =
A
F
V
30
1.63
I =
A
F
60
I =
A
F
60
threshold voltage
slope resistance
for power loss calculation only
µA
150
VRRM
V
2200
max. repetitive reverse blocking voltage
T
= 25°C
VJ
C
J
7
junction capacitance
V =
V;
700
T
= 25°C
f = 1 MHz
R
VJ
pF
I
FSM
t = 10 ms; (50 Hz), sine
T
= 45°C
VJ
max. forward surge current
T
=
°C
VJ
150
I²t
T
= 45°C
value for fusing
T
=
°C
150
V
= 0 V
R
V
= 0 V
R
V
= 0 V
V
= 0 V
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
t = 10 ms; (50 Hz), sine
t = 8,3 ms; (60 Hz), sine
VJ
R
VJ
R
T
=
°C
VJ
175
370
400
495
480
A
A
A
A
315
340
685
665
2200
FAV
d =
rectangular
0.5
average forward current
thermal resistance junction to case
thJC
thermal resistance case to heatsink
thCH
Rectifier
2300
0.50
IXYS reserves the right to change limits, conditions and dimensions.
20130123c
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved


Similar Part No. - DNA30E2200PA

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DNA30E2200PC IXYS-DNA30E2200PC Datasheet
145Kb / 5P
   High Voltage Standard Rectifier
DNA30E2200PZ IXYS-DNA30E2200PZ Datasheet
145Kb / 5P
   High Voltage Standard Rectifier
More results

Similar Description - DNA30E2200PA

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DF8L60US SHINDENGEN-DF8L60US Datasheet
391Kb / 2P
   Single Diode
logo
IXYS Corporation
DLA10IM800UC IXYS-DLA10IM800UC Datasheet
138Kb / 5P
   Single Diode
DMA80I1600HA IXYS-DMA80I1600HA Datasheet
329Kb / 5P
   Single Diode
2021.10.26
logo
Renesas Technology Corp
RJU60C6TDPP-EJ RENESAS-RJU60C6TDPP-EJ Datasheet
87Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C6SDPE RENESAS-RJU60C6SDPE_15 Datasheet
81Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C2TDPP-EJ RENESAS-RJU60C2TDPP-EJ Datasheet
86Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C3TDPP-EJ RENESAS-RJU60C3TDPP-EJ Datasheet
86Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C6SDPE RENESAS-RJU60C6SDPE Datasheet
81Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C6SDPK-M0 RENESAS-RJU60C6SDPK-M0 Datasheet
86Kb / 4P
   Single Diode Fast Recovery Diode
RJU60C2TDPP-EJ RENESAS-RJU60C2TDPP-EJ_15 Datasheet
86Kb / 4P
   Single Diode Fast Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com