Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1671JQ Datasheet(PDF) 1 Page - Analog Devices

Part # AD1671JQ
Description  Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1671JQ Datasheet(HTML) 1 Page - Analog Devices

  AD1671JQ Datasheet HTML 1Page - Analog Devices AD1671JQ Datasheet HTML 2Page - Analog Devices AD1671JQ Datasheet HTML 3Page - Analog Devices AD1671JQ Datasheet HTML 4Page - Analog Devices AD1671JQ Datasheet HTML 5Page - Analog Devices AD1671JQ Datasheet HTML 6Page - Analog Devices AD1671JQ Datasheet HTML 7Page - Analog Devices AD1671JQ Datasheet HTML 8Page - Analog Devices AD1671JQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FUNCTIONAL BLOCK DIAGRAM
UPO/BPO
ENCODE
OTR
SHA
OUT
AIN1
S/H
2.5V
REF
REF OUT
REF IN
LATCHES
CORRECTION LOGIC
8-BIT
LADDER
MATRIX
AD1671
3
3-BIT
FLASH
REF COM
AIN2
5k
5k
VCC
ACOM
V
EE
V
LOGIC
DCOM
3-BIT
FLASH
DAC
FINE
4-BIT
FLASH
COARSE
4-BIT
FLASH
4
DAC
3
12
MSB
DAV
BIT 1 –12
4
8
X4
RANGE
SELECT
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Complete 12-Bit 1.25 MSPS
Monolithic A/D Converter
AD1671
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Conversion Time: 800 ns
1.25 MHz Throughput Rate
Complete: On-Chip Sample-and-Hold Amplifier and
Voltage Reference
Low Power Dissipation: 570 mW
No Missing Codes Guaranteed
Signal-to-Noise Plus Distortion Ratio
fIN = 100 kHz: 70 dB
Pin Configurable Input Voltage Ranges
Twos Complement or Offset Binary Output Data
28-Pin DIP and 28-Pin Surface Mount Package
Out of Range Indicator
PRODUCT DESCRIPTION
The AD1671 is a monolithic 12-bit, 1.25 MSPS analog-to-
digital converter with an on-board, high performance sample-
and-hold amplifier (SHA) and voltage reference. The AD1671
guarantees no missing codes over the full operating tempera-
ture range. The combination of a merged high speed bipolar/
CMOS process and a novel architecture results in a combi-
nation of speed and power consumption far superior to pre-
viously available hybrid implementations. Additionally, the
greater reliability of monolithic construction offers improved
system reliability and lower costs than hybrid designs.
The fast settling input SHA is equally suited for both multi-
plexed systems that switch negative to positive full-scale
voltage levels in successive channels and sampling inputs at
frequencies up to and beyond the Nyquist rate. The AD1671
provides both reference output and reference input pins, al-
lowing the on-board reference to serve as a system reference.
An external reference can also be chosen to suit the dc accu-
racy and temperature drift requirements of the application.
The AD1671 uses a subranging flash conversion technique,
with digital error correction for possible errors introduced in
the first part of the conversion cycle. An on-chip timing gen-
erator provides strobe pulses for each of the four internal
flash cycles. A single ENCODE pulse is used to control the
converter. The digital output data is presented in twos
complement or offset binary output format. An out-of-range
signal indicates an overflow condition. It can be used with
the most significant bit to determine low or high overflow.
The performance of the AD1671 is made possible by using high
speed, low noise bipolar circuitry in the linear sections and low
power CMOS for the logic sections. Analog Devices’ ABCMOS-1
process provides both high speed bipolar and 2-micron CMOS
devices on a single chip. Laser trimmed thin-film resistors are
used to provide accuracy and temperature stability.
The AD1671 is available in two performance grades and three
temperature ranges. The AD1671J and K grades are available
over the 0
°C to +70°C temperature range. The AD1671A grade
is available over the –40
°C to +85°C temperature range. The
AD1671S grade is available over the –55
°C to +125°C tempera-
ture range.
PRODUCT HIGHLIGHTS
The AD1671 offers a complete single chip sampling 12-bit,
1.25 MSPS analog-to-digital conversion function in a 28-pin
package.
The AD1671 at 570 mW consumes a fraction of the power of
currently available hybrids.
An OUT OF RANGE output bit indicates when the input sig-
nal is beyond the AD1671’s input range.
Input signal ranges are 0 V to +5 V unipolar or
±5 V bipolar,
selected by pin strapping, with an input resistance of 10 k
Ω.
The input signal range can also be pin strapped for 0 V to +2.5 V
unipolar or
±2.5 V bipolar with an input resistance of 10 MΩ.
Output data is available in unipolar, bipolar offset or bipolar
twos complement binary format.


Similar Part No. - AD1671JQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1671 AD-AD1671 Datasheet
201Kb / 7P
   12-Bit A/D Converter
AD1671 AD-AD1671_15 Datasheet
397Kb / 16P
   Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
REV. B
AD1671 AD-AD1671_17 Datasheet
201Kb / 7P
   12-Bit A/D Converter
More results

Similar Description - AD1671JQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1671 AD-AD1671_15 Datasheet
397Kb / 16P
   Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
REV. B
AD9241 AD-AD9241 Datasheet
495Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9241ASZ AD-AD9241ASZ Datasheet
497Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9241 AD-AD9241_17 Datasheet
530Kb / 25P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
AD9241 AD-AD9241_15 Datasheet
497Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com