Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7545GLN Datasheet(PDF) 6 Page - Analog Devices

Part # AD7545GLN
Description  CMOS 12-Bit Buffered Multiplying DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7545GLN Datasheet(HTML) 6 Page - Analog Devices

  AD7545GLN Datasheet HTML 1Page - Analog Devices AD7545GLN Datasheet HTML 2Page - Analog Devices AD7545GLN Datasheet HTML 3Page - Analog Devices AD7545GLN Datasheet HTML 4Page - Analog Devices AD7545GLN Datasheet HTML 5Page - Analog Devices AD7545GLN Datasheet HTML 6Page - Analog Devices AD7545GLN Datasheet HTML 7Page - Analog Devices AD7545GLN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD7545
–6–
REV. A
VDD = +5 volts. However, great care should be taken to ensure
that the +5 V used to power the AD7545 is free from digitally
induced noise.
Temperature Coefficients:
The gain temperature coefficient
of the AD7545 has a maximum value of 5 ppm/
°C and a typical
value of 2 ppm/
°C. This corresponds to worst case gain shifts of
2 LSBs and 0.8 LSBs respectively over a 100
°C temperature
range. When trim resistors Rl and R2 are used to adjust full-
scale range, the temperature coefficient of R1 and R2 should
also be taken into account. The reader is referred to Analog
Devices Application Note “Gain Error and Gain Temperature
Coefficient of CMOS Multiplying DACs,” Publication Number
E630–10–6/81.
SINGLE SUPPLY OPERATION
The ladder termination resistor of the AD7545 (Figure 1) is
connected to AGND. This arrangement is particularly suitable
for single supply operation because OUT1 and AGND may be
biased at any voltage between DGND and VDD. OUT1 and
AGND should never go more than 0.3 volts less than DGND or
an internal diode will be turned on and a heavy current may
flow which will damage the device. (The AD7545 is, however,
protected from the SCR latch-up phenomenon prevalent in
many CMOS devices.)
Figure 7 shows the AD7545 connected in a voltage switching
mode. OUT1 is connected to the reference voltage and AGND
is connected to DGND. The D/A converter output voltage is
available at the VREF pin and has a constant output impedance
equal to R. RFB is not used in this circuit.
VO
12
AD7545
1
2
DB11–DB0
OUT1
AGND
3
18
VDD
+15V
19
VREF
REFERENCE
VOLTAGE
DGND
15 VOLT CMOS DIGITAL INPUTS
Figure 7. Single Supply Operation Using Voltage
Switching Mode
The loading on the reference voltage source is code dependent
and the response time of the circuit is often determined by the
behavior of the reference voltage with changing load conditions.
To maintain linearity, the voltages at OUT1 and AGND should
remain within 2.5 volts of each other, for a VDD of 15 volts. If
VDD is reduced from 15 V, or the differential voltage between
OUT1 and AGND is increased to more than 2.5 V, the differ-
ential nonlinearity of the DAC will increase and the linearity of
the DAC will be degraded. Figures 8 and 9 show typical curves
illustrating this effect for various values of reference voltage and
VDD. If the output voltage is required to be offset from ground
by some value, then OUT1 and AGND may be biased up. The
effect on linearity and differential nonlinearity will be the same
as reducing VDD by the amount of the offset.
VDD – Volts
+2
+1
–2
015
5
10
0
–1
Figure 8. Differential Nonlinearity vs. VDD for Figure 7
Circuit. Reference Voltage = 2.5 Volts. Shaded Area Shows
Range of Values of Differential Nonlinearity that Typically
Occur for L, C and U Grades.
VREF – Volts
0.5
0.0
–2.0
010
5
–0.5
–1.0
–1.5
Figure 9. Differential Nonlinearity vs. Reference Voltage
for Figure 7 Circuit. VDD = 15 Volts. Shaded Area Shows
Range of Values of Differential Nonlinearity that Typically
Occur for L, C and U Grades.
The circuits of Figures 4, 5 and 6 can all be converted to single
supply operation by biasing AGND to some voltage between
VDD and DGND. Figure 10 shows the twos complement bipolar
circuit of Figure 5 modified to give a range from +2 V to +8 V
about a “pseudo-analog ground” of 5 V. This voltage range
would allow operation from a single VDD of +10 V to +15 V.
The AD584 pin-programmable reference fixes AGND at +5 V.
VIN is set at +2 V by means of the series resistors R1 and R2.
There is no need to buffer the VREF input to the AD7545
with an amplifier because the input impedance of the D/A con-
verter is constant. Note, however, that since the temperature
coefficient of the D/A reference input resistance is typically
–300 ppm/
°C; applications that experience wide temperature
variations may require a buffer amplifier to generate the +2.0 V
at the AD7545 VREF pin. Other output voltage ranges can be
obtained by changing R4 to shift the zero point and (R1 + R2)
to change the slope, or gain, of the D/A transfer function. VDD
must be kept at least 5 V above OUT1 to ensure that linearity is
preserved.


Similar Part No. - AD7545GLN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7545GLN AD-AD7545GLN Datasheet
348Kb / 11P
   12-Bit Buffered Miltiplying CMOS D/A Converter
REV. C
AD7545GLN AD-AD7545GLN Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
More results

Similar Description - AD7545GLN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
   12-Bit, Buffered, Multiplying CMOS DAC
August 1997
AD7545 INTERSIL-AD7545_01 Datasheet
271Kb / 8P
   12-Bit, Buffered, Multiplying CMOS DAC
logo
Maxim Integrated Produc...
MX7545 MAXIM-MX7545 Datasheet
473Kb / 11P
   CMOS 12-Bit Buffered Multiplying DAC
19-0311; Rev 1; 7/95
logo
Analog Devices
AD7545A AD-AD7545A_17 Datasheet
350Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
AD7545A AD-AD7545A Datasheet
317Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. C
AD7545AKNZ AD-AD7545AKNZ Datasheet
309Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. C
logo
Sipex Corporation
SP7545 SIPEX-SP7545 Datasheet
83Kb / 4P
   12-Bit, Buffered Multiplying DAC
logo
Analog Devices
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
logo
Sipex Corporation
HS7512 SIPEX-HS7512 Datasheet
94Kb / 6P
   Double-Buffered 12-Bit Multiplying DAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com