Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8041AR Datasheet(PDF) 8 Page - Analog Devices

Part # AD8041AR
Description  160 MHz Rail-to-Rail Amplifier with Disable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8041AR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8041AR Datasheet HTML 4Page - Analog Devices AD8041AR Datasheet HTML 5Page - Analog Devices AD8041AR Datasheet HTML 6Page - Analog Devices AD8041AR Datasheet HTML 7Page - Analog Devices AD8041AR Datasheet HTML 8Page - Analog Devices AD8041AR Datasheet HTML 9Page - Analog Devices AD8041AR Datasheet HTML 10Page - Analog Devices AD8041AR Datasheet HTML 11Page - Analog Devices AD8041AR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. B
–8–
AD8041
FREQUENCY (MHz)
5
4
–5
3
2
1
0
–1
–2
–3
–4
1
500
10
100
VS = 5V
RL = 2k
TO 2.5V
CL = 5pF
G = +1
T = +125 C
T = +25 C
T = –55 C
TPC 13. Closed-Loop Frequency Response
vs. Temperature
FREQUENCY (MHz)
5
4
–5
3
2
1
0
–1
–2
–3
–4
1
500
10
100
G = +1
RL = 2k
CL = 5pF
VS = 3V
RL AND CL TO 1.5V
VS = 5V
VS = 5V
RL AND CL TO 2.5V
TPC 14. Closed-Loop Frequency Response vs. Supply
FREQUENCY (MHz)
100
10
1
0.1
0.01
1
500
10
100
0.1
0.01
G = +1
VS = 5V
TPC 15. Output Resistance vs. Frequency
INPUT STEP (V p-p)
50
40
10
0.5
2
1
1.5
30
20
VS = 3V, 0.1%
VS = 5V, 0.1%
VS = 3V, 1%
VS = 5V, 1%
G = –1
TPC 16. Settling Time vs. Input Step
FREQUENCY (MHz)
–10
–40
–60
–80
–100
–20
–30
–50
–70
–90
–110
1
500
10
100
0.1
0.01
VS = +3V AND 5V
TPC 17. CMRR vs. Frequency
LOAD CURRENT (mA)
1000
10
0
0.001
0.01
100
0.1
1
10
10
0
VOL, –55
C
+5V
V
OH
, +125
C
VOL
, +125
C
VS = 5V
+5V
– V
OH
, –55
C
TPC 18. Output Saturation Voltage vs. Load Current


Similar Part No. - AD8041AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8041AR AD-AD8041AR Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
AD8041AR-REEL AD-AD8041AR-REEL Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
AD8041AR-REEL7 AD-AD8041AR-REEL7 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
logo
List of Unclassifed Man...
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
logo
Analog Devices
AD8041ARZ-REEL AD-AD8041ARZ-REEL Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
More results

Similar Description - AD8041AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
logo
List of Unclassifed Man...
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
logo
Analog Devices
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
logo
Texas Instruments
LMH6639 TI1-LMH6639 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com