Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7545SE Datasheet(PDF) 5 Page - Analog Devices

Part # AD7545SE
Description  CMOS 12-Bit Buffered Multiplying DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7545SE Datasheet(HTML) 5 Page - Analog Devices

  AD7545SE Datasheet HTML 1Page - Analog Devices AD7545SE Datasheet HTML 2Page - Analog Devices AD7545SE Datasheet HTML 3Page - Analog Devices AD7545SE Datasheet HTML 4Page - Analog Devices AD7545SE Datasheet HTML 5Page - Analog Devices AD7545SE Datasheet HTML 6Page - Analog Devices AD7545SE Datasheet HTML 7Page - Analog Devices AD7545SE Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD7545
–5–
REV. A
Figure 5 and Table III illustrate the recommended circuit and
code relationship for bipolar operation. The D/A function itself
uses offset binary code and inverter U1 on the MSB line con-
verts twos complement input code to offset binary code. If ap-
propriate; inversion of the MSB may be done in software using
an exclusive –OR instruction and the inverter omitted. R3, R4
and R5 must be selected to match within 0.01% and they should
be the same type of resistor (preferably wire-wound or metal
foil), so their temperature coefficients match. Mismatch of R3
value to R4 causes both offset and full-scale error. Mismatch of
R5 and R4 and R3 causes full-scale error.
A1
R2
*
VDD
R1
*
VIN
DATA INPUT
ANALOG
COMMON
C1
33pF
AD544L
VOUT
AD544J
A2
R4
20k
R5
20k
R3
10k
R6
5k
10%
*FOR VALUES OF R1 AND R2
SEE TABLE I.
11
12
AD7545
18
19
20
1
2
VDD
RFB
VREF
DB10–DB0
OUT1
AGND
4
DB11
U1
(SEE TEXT)
Figure 5. Bipolar Operation (Twos Complement Code)
Table III. Twos Complement Code Table for Circuit of
Figure 5
Data Input
Analog Output
0 1 1 1
1 1 1 1
1 1 1 1
+VIN
×
2047
2048


0 0 0 0
0 0 0 0
0 0 0 1
+VIN
×
1
2048


0 0 0 0
0 0 0 0
0 0 0 0
0 Volts
1 1 1 1
1 1 1 1
1 1 1 1
–VIN
×
1
2048


1 0 0 0
0 0 0 0
0 0 0 0
–VIN
×
2048
2048


Figure 6 shows an alternative method of achieving bipolar out-
put. The circuit operates with sign plus magnitude code and has
the advantage of giving 12-bit resolution in each quadrant, com-
pared with 11-bit resolution per quadrant for the circuit of Fig-
ure 5. The AD7592 is a fully protected CMOS change-over
switch with data latches. R4 and R5 should match each other to
0.01% to maintain the accuracy of the D/A converter. Mismatch
between R4 and R5 introduces a gain error.
A2
A1
R2
*
VDD
R1
*
VIN
ANALOG
COMMON
C1
33pF
AD544L
VOUT
AD544J
R5
20k
*FOR VALUES OF R1 AND R2
SEE TABLE I.
R4
20k
R3
10k
10%
1/2 AD7592JN
SIGN BIT
12
AD7545
3
18
19
20
1
2
VDD
RFB
VREF
DB11–DB0
OUT1
AGND
Figure 6. 12-Bit Plus Sign Magnitude D/A Converter
Table IV. 12-Plus Sign Magnitude Code Table for Circuit of
Figure 6
Sign
Binary Number in DAC
Bit
MSB
LSB
Analog Output, VOUT
0
1 1 1 1
1 1 1 1
1 1 1 1
+ VIN
×
4095
4096


0
0 0 0 0
0 0 0 0
0 0 0 0
0 Volts
1
0 0 0 0
0 0 0 0
0 0 0 0
0 Volts
1
1 1 1 1
1 1 1 1
1 1 1 1
– VIN
×
4095
4096


Note: Sign bit of “0” connects R3 to GND.
APPLICATIONS HINTS
Output Offset:
(CMOS D/A converters exhibit a code depen-
dent output resistance which, in turn, causes a code dependent
amplifier noise gain. The effect is a code dependent differential
nonlinearity term at the amplifier output that depends on VOS
where VOS is the amplifier input offset voltage. To maintain
monotonic operation it is recommended that VOS be no greater
than 25
× 10–6) (VREF) over the temperature range of operation.
Suitable op amps are AD517L and AD544L. The AD517L is
best suited for fixed reference applications with low bandwidth
requirements: it has extremely low offset (50
µV) and in most
applications will not require an offset trim. The AD544L has a
much wider bandwidth and higher slew rate and is recommended
for multiplying and other applications requiring fast settling. An
offset trim on the AD544L may be necessary in some circuits.
General Ground Management:
AC or transient voltages
between AGND and DGND can cause noise injection into the
analog output. The simplest method of ensuring that voltages at
AGND and DGND are equal is to tie AGND and DGND
together at the AD7545. In more complex systems where the
AGND and DGND intertie is on the backplane, it is recom-
mended that two diodes be connected in inverse parallel
between the AD7545 AGND and DGND pins (IN914 or
equivalent).
Digital Glitches:
When WR and CS are both low the latches
are transparent and the D/A converter inputs follow the data
inputs. In some bus systems, data on the data bus is not always
valid for the whole period during which WR is low and as a
result invalid data can briefly occur at the D/A converter inputs
during a write cycle. Such invalid data can cause unwanted
glitches at the output of the D/A converter. The solution to this
problem, if it occurs, is to retime the write pulse WR so that it
only occurs when data is valid.
Another cause of digital glitches is capacitive coupling from the
digital lines to the OUT1 and AGND terminals. This should be
minimized by screening the analog pins of the AD7545 (Pins 1,
2, 19, 20) from the digital pins by a ground track run between
Pins 2 and 3 and between Pins 18 and 19 of the AD7545. Note
how the analog pins are at one end of the package and separated
from the digital pins by VDD and DGND to aid screening at
the board level. On-chip capacitive coupling can also give rise
to crosstalk from the digital-to-analog sections of the AD7545,
particularly in circuits with high currents and fast rise and
fall times. This type of crosstalk is minimized by using


Similar Part No. - AD7545SE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7545SE AD-AD7545SE Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
More results

Similar Description - AD7545SE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
   12-Bit, Buffered, Multiplying CMOS DAC
August 1997
AD7545 INTERSIL-AD7545_01 Datasheet
271Kb / 8P
   12-Bit, Buffered, Multiplying CMOS DAC
logo
Maxim Integrated Produc...
MX7545 MAXIM-MX7545 Datasheet
473Kb / 11P
   CMOS 12-Bit Buffered Multiplying DAC
19-0311; Rev 1; 7/95
logo
Analog Devices
AD7545A AD-AD7545A_17 Datasheet
350Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
AD7545A AD-AD7545A Datasheet
317Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. C
AD7545AKNZ AD-AD7545AKNZ Datasheet
309Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. C
logo
Sipex Corporation
SP7545 SIPEX-SP7545 Datasheet
83Kb / 4P
   12-Bit, Buffered Multiplying DAC
logo
Analog Devices
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
logo
Sipex Corporation
HS7512 SIPEX-HS7512 Datasheet
94Kb / 6P
   Double-Buffered 12-Bit Multiplying DAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com