Electronic Components Datasheet Search |
|
HMAA2705V Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
HMAA2705V Datasheet(HTML) 1 Page - Fairchild Semiconductor |
1 / 10 page PACKAGE DIMENSIONS FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS 11/12/03 Page 1 of 10 © 2003 Fairchild Semiconductor Corporation HMA121 Series HMA124 HMA2701 Series HMAA2705 1 2 4 3 EMITTER COLLECTOR 1 2 4 3 EMITTER COLLECTOR ANODE CATHODE Equivalent Circuit (HMA2701, HMA121, HMA124) Equivalent Circuit (HMAA2705) DESCRIPTION The HMA124, HMA121 series and HMA2701 series consists of a gallium arsenide infrared emitting diode driving a silicon phototransistor in a compact 4-pin mini-flat package. The lead pitch is 2.54 mm. The HMAA2705 consists of two gallium arsenide infrared emitting diodes, connected in inverse parallel, driving a single silicon phototransistor in a compact 4-pin mini-flat package. The lead pitch is 2.54mm. FEATURES • Compact 4-pin package (2.4 mm maximum standoff height) • Current Transfer Ratio in selected groups HMA121: 50–600% HMA2701: 50–300% HMA121A: 100–300% HMA2701A: 150–300% HMA121B: 50–150% HMA2701B: 80–160% HMA121C: 100–200% HMA124: 100% MIN HMA121D: 50–100% HMAA2705: 50–300% HMA121E: 150–300% HMA121F: 100–600% • Available in tape and reel quantities of 500 and 2500. • Applicable to Infrared Ray reflow (230°C max, 30 seconds.) • BSI (File #8611/8612), CSA (File #1162301), UL (File #E90700) and VDE (File #136480) certified • Creepage ≥ 5 mm, typical 5.2 mm • Clearance ≥ 5 mm, typical 5.2 mm APPLICATIONS HMAA2705 • AC line monitor • Unknown polarity DC sensor • Telephone line receiver HMA121 series, HMA2701 series, HMA124 • Digital logic inputs • Microprocessor inputs • Power supply monitor • Twisted pair line receiver • Telephone line receiver NOTE All dimensions are in inches (millimeters) 0.287 (7.29) 0.248 (6.30) 0.020 (0.51) 0.012 (0.30) 0.169 (4.29) 0.154 (3.91) 0.173 (4.40) TYP 0.035 (0.89) 0.012 (0.30) 0.008 (0.20) 0.000 (0.0) 0.100 (2.54) TYP 0.033 (0.85) 0.026 (0.65) 0.094 (2.39) 0.079 (2.01) PIN 1 |
Similar Part No. - HMAA2705V |
|
Similar Description - HMAA2705V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |