Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8475ACPZ-RL Datasheet(PDF) 9 Page - Analog Devices

Part # AD8475ACPZ-RL
Description  Precision, Selectable Gain, Fully Differential Funnel Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8475ACPZ-RL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8475ACPZ-RL Datasheet HTML 5Page - Analog Devices AD8475ACPZ-RL Datasheet HTML 6Page - Analog Devices AD8475ACPZ-RL Datasheet HTML 7Page - Analog Devices AD8475ACPZ-RL Datasheet HTML 8Page - Analog Devices AD8475ACPZ-RL Datasheet HTML 9Page - Analog Devices AD8475ACPZ-RL Datasheet HTML 10Page - Analog Devices AD8475ACPZ-RL Datasheet HTML 11Page - Analog Devices AD8475ACPZ-RL Datasheet HTML 12Page - Analog Devices AD8475ACPZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8475
Rev. B | Page 9 of 24
+VS
0.2
0.4
0.6
0.8
1.0
–VS
0.2
0.4
0.6
0.8
1.0
100
1k
10k
100k
1M
RLOAD (Ω)
–40°C
+25°C
+85°C
+105°C
+125°C
Figure 11. Output Voltage Swing vs. RLOAD vs. Temperature,
VS = ±5 V and +5 V
100µs/DIV
0.8 × VIN
VOUT
Figure 12. Overdrive Recovery
–20
–100
–90
–80
–70
–60
–50
–40
–30
100k
1M
10M
FREQUENCY (Hz)
Figure 13. Power Supply Rejection Ratio (PSRR) vs. Frequency
+VS
0.2
0.4
0.6
0.8
1.0
–VS
0.2
0.4
0.6
0.8
1.0
10µA
100µA
1mA
10mA
100mA
OUTPUT CURRENT (A)
–40°C
+25°C
+85°C
+105°C
+125°C
Figure 14. Output Voltage Swing vs. Output Current vs. Temperature,
VS = ±5 V and +5 V
10
0
1
2
3
4
5
6
7
8
9
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
Figure 15. Maximum Output Voltage vs. Frequency
100
20
30
40
50
60
70
80
90
10M
100M
1M
100k
10k
1k
FREQUENCY (Hz)
G = 0.8
G = 0.4
Figure 16. CMRR vs. Frequency


Similar Part No. - AD8475ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8475ACPZ-RL AD-AD8475ACPZ-RL Datasheet
621Kb / 25P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
AD8475ACPZ-RL AD-AD8475ACPZ-RL Datasheet
549Kb / 24P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
More results

Similar Description - AD8475ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8475 AD-AD8475_17 Datasheet
549Kb / 24P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
AD8475 AD-AD8475_16 Datasheet
621Kb / 25P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
LT1997-2 AD-LT1997-2 Datasheet
806Kb / 26P
   Precision, Wide Voltage Range, Gain Selectable Funnel Amplifier
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996 Datasheet
351Kb / 24P
   Precision, 100uA Gain Selectable Amplifier
logo
TriQuint Semiconductor
TQS5202 TRIQUINT-TQS5202 Datasheet
548Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Integrated Syste...
LT1991 LINEAR-LT1991 Datasheet
296Kb / 24P
   Precision, 100UA Gain Selectable Amplifier
logo
Vishay Siliconix
IM-10RFCL-12 VISHAY-IM-10RFCL-12 Datasheet
114Kb / 1P
   Precision, 100UA Gain Selectable Amplifier
Revision 02-Nov-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com