Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7863ARSZ-31 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7863ARSZ-31
Description  Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7863ARSZ-31 Datasheet(HTML) 1 Page - Analog Devices

  AD7863ARSZ-31 Datasheet HTML 1Page - Analog Devices AD7863ARSZ-31 Datasheet HTML 2Page - Analog Devices AD7863ARSZ-31 Datasheet HTML 3Page - Analog Devices AD7863ARSZ-31 Datasheet HTML 4Page - Analog Devices AD7863ARSZ-31 Datasheet HTML 5Page - Analog Devices AD7863ARSZ-31 Datasheet HTML 6Page - Analog Devices AD7863ARSZ-31 Datasheet HTML 7Page - Analog Devices AD7863ARSZ-31 Datasheet HTML 8Page - Analog Devices AD7863ARSZ-31 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Simultaneous Sampling
Dual 175 kSPS 14-Bit ADC
AD7863
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Two fast 14-bit ADCs
Four input channels
Simultaneous sampling and conversion
5.2 μs conversion time
Single supply operation
Selection of input ranges
±10 V for AD7863-10
±2.5 V for AD7863-3
0 V to 2.5 V for AD7863-2
High speed parallel interface
Low power, 70 mW typical
Power saving mode, 105 μW maximum
Overvoltage protection on analog inputs
14-bit lead compatible upgrade to AD7862
GENERAL DESCRIPTION
The AD7863 is a high speed, low power, dual 14-bit analog-to-
digital converter that operates from a single 5 V supply.
FUNCTIONAL BLOCK DIAGRAM
DGND
DB0
BUSY
CS
CONVST
AD7863
2kΩ
AGND
AGND
VDD
VREF
DB13
A0
TRACK/
HOLD
TRACK/
HOLD
MUX
2.5V
REFERENCE
OUTPUT
LATCH
RD
CONVERSION
CONTROL LOGIC
SIGNAL
SCALING
SIGNAL
SCALING
SIGNAL
SCALING
MUX
14-BIT
ADC
14-BIT
ADC
CLOCK
VA2
VB2
VA1
VB1
SIGNAL
SCALING
Figure 1.
The part contains two 5.2 μs successive approximation ADCs, two
track/hold amplifiers, an internal 2.5 V reference and a high speed
parallel interface. Four analog inputs are grouped into two channels
(A and B) selected by the A0 input. Each channel has two inputs
(VA1 and VA2 or VB1 and VB2) that can be sampled and converted
simultaneously, thus preserving the relative phase information of
the signals on both analog inputs. The part accepts an analog input
range of ±10 V (AD7863-10), ±2.5 V (AD7863-3), and 0 V to
2.5 V (AD7863-2). Overvoltage protection on the analog inputs
for the part allows the input voltage to go to ±17 V, ±7 V, or +7 V
respectively, without causing damage.
A single conversion start signal (CONVST) simultaneously places
both track/holds into hold and initiates conversion on both
channels. The BUSY signal indicates the end of conversion and at
this time the conversion results for both channels are available to be
read. The first read after a conversion accesses the result from VA1
or VB1, and the second read accesses the result from VA2 or VB2,
depending on whether the multiplexer select (A0) is low or high,
respectively. Data is read from the part via a 14-bit parallel data bus
with standard CS and RD signals. In addition to the traditional dc
accuracy specifications such as linearity, gain, and offset errors, the
part is also specified for dynamic performance parameters
including harmonic distortion and signal-to-noise ratio.
The AD7863 is fabricated in the Analog Devices, Inc. linear
compatible CMOS (LC2MOS) process, a mixed technology
process that combines precision bipolar circuits with low power
CMOS logic. It is available in 28-lead SOIC_W and SSOP.
PRODUCT HIGHLIGHTS
1.
The AD7863 features two complete ADC functions
allowing simultaneous sampling and conversion of two
channels. Each ADC has a two-channel input mux. The
conversion result for both channels is available 5.2 μs after
initiating conversion.
2.
The AD7863 operates from a single 5 V supply and
consumes 70 mW typical. The automatic power-down
mode, where the part goes into power-down once
conversion is complete and wakes up before the next
conversion cycle, makes the AD7863 ideal for battery-
powered or portable applications.
3.
The part offers a high speed parallel interface for easy
connection to microprocessors, microcontrollers, and
digital signal processors.
4.
The part is offered in three versions with different analog
input ranges. The AD7863-10 offers the standard industrial
input range of ±10 V; the AD7863-3 offers the common
signal processing input range of ±2.5 V, while the AD7863-2
can be used in unipolar 0 V to 2.5 V applications.
5.
The part features very tight aperture delay matching
between the two input sample and hold amplifiers.


Similar Part No. - AD7863ARSZ-31

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7863ARSZ-3 AD-AD7863ARSZ-3 Datasheet
453Kb / 25P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
AD7863ARSZ-3REEL AD-AD7863ARSZ-3REEL Datasheet
453Kb / 25P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
AD7863ARSZ-3REEL7 AD-AD7863ARSZ-3REEL7 Datasheet
453Kb / 25P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
More results

Similar Description - AD7863ARSZ-31

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7863 AD-AD7863_15 Datasheet
1Mb / 24P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
AD7863 AD-AD7863_17 Datasheet
453Kb / 25P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
AD7862 AD-AD7862 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-2 AD-AD7862ARSZ-2 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_15 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com