Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC23314334 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BFC23314334
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC23314334 Datasheet(HTML) 2 Page - Vishay Siliconix

  BFC23314334 Datasheet HTML 1Page - Vishay Siliconix BFC23314334 Datasheet HTML 2Page - Vishay Siliconix BFC23314334 Datasheet HTML 3Page - Vishay Siliconix BFC23314334 Datasheet HTML 4Page - Vishay Siliconix BFC23314334 Datasheet HTML 5Page - Vishay Siliconix BFC23314334 Datasheet HTML 6Page - Vishay Siliconix BFC23314334 Datasheet HTML 7Page - Vishay Siliconix BFC23314334 Datasheet HTML 8Page - Vishay Siliconix BFC23314334 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MKP338 1 X1
www.vishay.com
Vishay BCcomponents
Revision: 18-Jul-13
2
Document Number: 28116
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
COMPOSITION OF CATALOG NUMBER
Note
(1) For detailed tape specification refer to packaging information: www.vishay.com/doc?28139
Note
(1) See “Voltage Proof Test for Metallized Film Capacitors”: www.vishay.com/doc?28169
SPECIFIC REFERENCE DATA
DESCRIPTION
VALUE
Rated AC voltage (URAC)
440 V
Permissible DC voltage (URDC)
1000 V
Tangent of loss angle:
at 1 kHz
at 10 kHz
C
470 nF
 10 x 10-4
20 x 10-4
C > 470 nF
20 x 10-4
70 x 10-4
Rated voltage pulse slope (dU/dt)R at 615 VDC
Pitch = 15 mm
250 V/μs
Pitch = 22.5 mm
150 V/μs
Pitch = 27.5 mm
100 V/μs
R between leads, for C
 0.33 μF at 100 V, 1 min
> 15 000 M
RC between leads, for C > 0.33 μF at 100 V, 1 min
> 5000 s
R between leads and case, 100 V, 1 min
> 30 000 M
Withstanding (DC) voltage (cut off current 10 mA) (1), rise time
 1000 V/s
3400 V, 1 min
Withstanding (AC) voltage between leads and case
2380 V, 1 min
Maximum application temperature
105 °C
Example:
104 = 10 x 10 = 100 nF
(except special numbers)
BFC2
338
1X XX X
S
E
P
Y
T
D
E
R
R
E
F
E
R
P
L.
O
T
-
C
L.
O
T
-
C
N
O
I
T
A
R
U
G
I
F
N
O
C
D
A
E
L
G
N
I
G
A
K
C
A
P
E
P
Y
T
G
N
I
G
A
K
C
A
P
E
P
Y
T
338 1
X1
Loose in box
Lead length 3.5 mm ± 0.3 mm
± 20 %
BFC2 338 10 ...
.
.
.
2
1
8
3
3
2
C
F
B
m
m
0
.
1
±
m
m
0
.
5
h
t
g
n
e
l
d
a
e
L
.
.
.
4
1
8
3
3
2
C
F
B
m
m
0
.
2
±
m
m
0
.
5
2
h
t
g
n
e
l
d
a
e
L
Taped on reel (1)
H = 18.5 mm; for P0 = 12.7 mm; reel diameter = 500 mm
BFC2 338 17 ...
T
S
E
U
Q
E
R
N
O
.
L
O
T
-
C
E
V
I
T
A
N
R
E
T
L
A
338 1
X1
Loose in box
Lead length 3.5 mm ± 0.3 mm
± 10 %
See tables for detail
± 5 %
Lead length 5.0 mm ± 1.0 mm
± 10 %
± 5 %
Lead length 25.0 mm ± 2.0 mm
± 10 %
± 5 %
Taped on reel (1)
H = 18.5 mm; P0 = 12.7 mm; reel diameter = 500 mm
± 10 %
± 5 %
TYPE AND PITCHES
338 1
X1
15.0 mm
22.5 mm
27.5 mm
MULTIPLIER
(nF)
0.1
2
13
10
4
100
5
CAPACITANCE
(numerically)


Similar Part No. - BFC23314334

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
BFC233620102 VISHAY-BFC233620102 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620103 VISHAY-BFC233620103 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620105 VISHAY-BFC233620105 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
More results

Similar Description - BFC23314334

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com