Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APV1122AZ Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # APV1122AZ
Description  PHOTOVOLTAIC MOSFET DRIVER Extensive product lineup Space saving
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

APV1122AZ Datasheet(HTML) 3 Page - Panasonic Semiconductor

  APV1122AZ Datasheet HTML 1Page - Panasonic Semiconductor APV1122AZ Datasheet HTML 2Page - Panasonic Semiconductor APV1122AZ Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PHOTOVOLTAIC MOSFET DRIVER (APV1,2)
3
en_ds_apv1_2: 040906J
REFERENCE DATA
1. Drop-out voltage vs. ambient temperature
characteristics
Input current: 10mA
2. Short circuit current vs. ambient temperature
characteristics
Input current: 10mA
3. LED operate current vs. ambient
temperature characteristics
Drop-out voltage: 5V
Ambient temperature, °C
020
40
60
8085
-40
-20
4
14
APV2121S
APV2111V
APV1122
APV1121S
6
10
8
12
020
40
60
8085
-40
-20
0
25
5
15
10
20
Ambient temperature, °C
APV2121S
APV2111V
APV1122
APV1121S
020
40
60
8085
-40
-20
0
3
0.5
2
1.5
1
2.5
Ambient temperature, °C
APV1122
APV1121S
APV2121S
APV2111V
4. LED turn off current vs. ambient temperature
characteristics
Drop-out voltage: 1V
5. LED dropout voltage vs. ambient
temperature characteristics
LED forward current: 5 to 50mA
6. Turn on time vs. ambient temperature
characteristics
LED forward current: 10mA
Load capacity: 1,000pF; output voltage: 5V
020
40
60
8085
-40
-20
0
2
0.5
1.5
1
Ambient temperature, °C
APV1122
APV1121S
APV2121S
APV2111V
020
40
80
60
100
-40
-20
1
1.5
1.1
1.3
1.2
1.4
Ambient temperature, °C
10mA
20mA
30mA
50mA
020
40
60
8085
-40
-20
0
2
0.5
1.5
1
Ambient temperature, °C
APV1122
APV1121S
APV2121S
APV2111V
7. Turn off time vs. ambient temperature
characteristics
LED forward current: 10mA
Load capacity: 1,000pF; output voltage: 1V
8. Turn on time vs. LED forward current
characteristics
Load capacity: 1,000pF; output voltage: 5V
9. Turn off time vs. LED forward current
characteristics
Load capacity: 1,000pF; output voltage: 1V
020
40
60
8085
-40
-20
0
0.5
0.2
0.1
0.4
0.3
Ambient temperature, °C
APV1122
APV1121S
APV2121S
APV2111V
30
40
50
60
10
020
0
0.5
1.5
1
2
LED forward current, mA
APV1122
APV1121S
APV2121S
APV2111V
30
40
50
60
10
020
0
0.3
0.05
0.1
0.2
0.15
0.25
LED forward current, mA
APV1122
APV1121S
APV2121S
APV2111V


Similar Part No. - APV1122AZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APV1122AZ ETC1-APV1122AZ Datasheet
64Kb / 3P
   Photovoltaic MOSFET drivers of wide variation
logo
Panasonic Semiconductor
APV1122AZ PANASONIC-APV1122AZ Datasheet
74Kb / 3P
   PHOTOVOLTAIC MOSFET DRIVER
More results

Similar Description - APV1122AZ

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
logo
Maxim Integrated Produc...
MAX4896 MAXIM-MAX4896 Datasheet
263Kb / 14P
   Space-Saving, 8-Channel Relay/Load Driver
Rev 1; 6/07
MAX4896_V3 MAXIM-MAX4896_V3 Datasheet
195Kb / 13P
   Space-Saving, 8-Channel Relay/Load Driver
Rev 3; 7/12
logo
Panasonic Semiconductor
APV1121SJ PANASONIC-APV1121SJ Datasheet
74Kb / 3P
   PHOTOVOLTAIC MOSFET DRIVER
logo
Panasonic Battery Group
APV PANASONICBATTERY-APV Datasheet
75Kb / 3P
   Photovoltaic MOSFET Driver
logo
STEGO Elektrotechnik Gm...
HV031 STEGO-HV031 Datasheet
1Mb / 1P
   SPACE-SAVING FAN HEATER
08.09.2021
logo
Micro Commercial Compon...
ESDLC2V8P8U MCC-ESDLC2V8P8U Datasheet
617Kb / 3P
   For space saving application
logo
STEGO Elektrotechnik Gm...
HVI030 STEGO-HVI030 Datasheet
265Kb / 1P
   SPACE-SAVING FAN HEATER
19.03.2019
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K30T AVAGO-ACPL-K30T Datasheet
302Kb / 10P
   Automotive Photovoltaic MOSFET Driver
logo
P-tec Corporation
PL308-2R12 P-TEC-PL308-2R12 Datasheet
29Kb / 1P
   Space Saving Bi-Level Holder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com