Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS12S1203C Datasheet(PDF) 11 Page - Murata Power Solutions Inc.

Part # NCS12S1203C
Description  UL 60950 recognition pending 4:1 Wide range voltage input
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NCS12S1203C Datasheet(HTML) 11 Page - Murata Power Solutions Inc.

Back Button NCS12S1203C Datasheet HTML 6Page - Murata Power Solutions Inc. NCS12S1203C Datasheet HTML 7Page - Murata Power Solutions Inc. NCS12S1203C Datasheet HTML 8Page - Murata Power Solutions Inc. NCS12S1203C Datasheet HTML 9Page - Murata Power Solutions Inc. NCS12S1203C Datasheet HTML 10Page - Murata Power Solutions Inc. NCS12S1203C Datasheet HTML 11Page - Murata Power Solutions Inc. NCS12S1203C Datasheet HTML 12Page - Murata Power Solutions Inc. NCS12S1203C Datasheet HTML 13Page - Murata Power Solutions Inc. NCS12S1203C Datasheet HTML 14Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NCS12 Series
Isolated 12W 4:1 Input Single & Dual Output DC/DC Converters
KDC_NCS12C.A02 Page 11 of 14
All enquiries: www.murata-ps.com/support
www.murata-ps.com
EMC FILTERING AND SPECTRA
FILTERING
The module includes a basic level of filtering, sufficient for many applications. Where lower noise levels are desired, filters can easily be added to achieve any required
noise performance.
A DC/DC converter generates noise in two principle forms: that which is radiated from its body and that conducted on its external connections. There are three separate
modes of conducted noise: input differential, output differential and input-output.
This last appears as common mode at the input and the output, and cannot therefore be removed by filtering at the input or output alone. The first level of filtering is to
connect capacitors between input and output returns, to reduce this form of noise. It typically contains high harmonics of the switching frequency, which tend to appear
as spikes on surrounding circuits. The voltage rating of this capacitor must match the required isolation voltage. (Due to the great variety in isolation voltage and required
noise performance, this capacitor has not been included within the converter.)
Input ripple is a voltage developed across the internal Input decoupling capacitor. It is therefore measured with a defined supply source impedance. Although simple
series inductance will provide filtering, on its own it can degrade the stability. A shunt capacitor is therefore recommended across the converter input terminals, so that it
is fed from a low impedance.
If no filtering is required, the inductance of long supply wiring could also cause a problem, requiring an input decoupling capacitor for stability. An electrolytic will perform
well in these situations. The input-output filtering is performed by the common-mode choke on the primary. This could be placed on the output, but would then degrade
the regulation and produce less benefit for a given size, cost, and power loss.
Radiated noise is present in magnetic and electrostatic forms. The latter is suppressed by the metal case, which is connected to the output return, typically a zero-volt
point. Thanks to the small size of these units, neither form of noise will be radiated “efficiently”, so will not normally cause a problem. Any question of this kind usually
better repays attention to conducted signals.
EMC FILTER AND VALUES TO OBTAIN SPECTRA AS SHOWN
C1
L1
C2
C3
DC
DC
C4
C5
C1, C2
1μF Polyester or ceramic capacitor
C3
47μF Electrolytic capacitor
C4 & C5 10nF 250 VAC Y Rated (15nf SXX03 & SXX05)
L1
1μH Common-mode choke (Murata part number 51105C)
The following filter circuit shows the input filter typically required to meet CISPR22 Quasi-PeakCurve B.


Similar Part No. - NCS12S1203C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCS12S1203C MURATA-PS-NCS12S1203C Datasheet
444Kb / 14P
   Isolated 12W 4:1 Input Single & Dual Output DC/DC Converters
NCS12S1203C MURATA-PS-NCS12S1203C Datasheet
536Kb / 18P
   Isolated 12W 4:1 Input Single & Dual Output DC-DC Converters
2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com