Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS12S4805C Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # NCS12S4805C
Description  UL 60950 recognition pending 4:1 Wide range voltage input
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NCS12S4805C Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  NCS12S4805C Datasheet HTML 1Page - Murata Power Solutions Inc. NCS12S4805C Datasheet HTML 2Page - Murata Power Solutions Inc. NCS12S4805C Datasheet HTML 3Page - Murata Power Solutions Inc. NCS12S4805C Datasheet HTML 4Page - Murata Power Solutions Inc. NCS12S4805C Datasheet HTML 5Page - Murata Power Solutions Inc. NCS12S4805C Datasheet HTML 6Page - Murata Power Solutions Inc. NCS12S4805C Datasheet HTML 7Page - Murata Power Solutions Inc. NCS12S4805C Datasheet HTML 8Page - Murata Power Solutions Inc. NCS12S4805C Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NCS12 Series
Isolated 12W 4:1 Input Single & Dual Output DC/DC Converters
KDC_NCS12C.A02 Page 5 of 14
All enquiries: www.murata-ps.com/support
www.murata-ps.com
EFFICIENCY VS LOAD
NCS12S1203C
NCS12S1205C
NCS12S1212C
NCS12S1215C
NCS12S4803C
NCS12S4805C
NCS12S4812C
NCS12S4815C
50
55
60
65
70
75
80
85
90
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Load (%)
24V
12V
60
65
70
75
80
85
90
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Load (%)
48V
24V
45
50
55
60
65
70
75
80
85
90
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Load (%)
24V
12V
45
50
55
60
65
70
75
80
85
90
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Load (%)
48V
24V
70
72
74
76
78
80
82
84
86
88
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Load (%)
24V
12V
60
65
70
75
80
85
90
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Load (%)
48V
24V
68
70
72
74
76
78
80
82
84
86
88
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Load (%)
24V
12V
60
65
70
75
80
85
90
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Load (%)
48V
24V


Similar Part No. - NCS12S4805C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCS12S4805C MURATA-PS-NCS12S4805C Datasheet
444Kb / 14P
   Isolated 12W 4:1 Input Single & Dual Output DC/DC Converters
NCS12S4805C MURATA-PS-NCS12S4805C Datasheet
536Kb / 18P
   Isolated 12W 4:1 Input Single & Dual Output DC-DC Converters
2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com