Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F87X-10EP Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16F87X-10EP
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
Download  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87X-10EP Datasheet(HTML) 3 Page - Microchip Technology

  PIC16F87X-10EP Datasheet HTML 1Page - Microchip Technology PIC16F87X-10EP Datasheet HTML 2Page - Microchip Technology PIC16F87X-10EP Datasheet HTML 3Page - Microchip Technology PIC16F87X-10EP Datasheet HTML 4Page - Microchip Technology PIC16F87X-10EP Datasheet HTML 5Page - Microchip Technology PIC16F87X-10EP Datasheet HTML 6Page - Microchip Technology PIC16F87X-10EP Datasheet HTML 7Page - Microchip Technology PIC16F87X-10EP Datasheet HTML 8Page - Microchip Technology PIC16F87X-10EP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 218 page
background image
 1998-2013 Microchip Technology Inc.
DS30292D-page 3
PIC16F87X
Key Features
PIC® MCU Mid-Range Reference
Manual (DS33023)
PIC16F873
PIC16F874
PIC16F876
PIC16F877
Operating Frequency
DC - 20 MHz
DC - 20 MHz
DC - 20 MHz
DC - 20 MHz
RESETS (and Delays)
POR, BOR
(PWRT, OST)
POR, BOR
(PWRT, OST)
POR, BOR
(PWRT, OST)
POR, BOR
(PWRT, OST)
FLASH Program Memory
(14-bit words)
4K
4K
8K
8K
Data Memory (bytes)
192
192
368
368
EEPROM Data Memory
128
128
256
256
Interrupts
13
14
13
14
I/O Ports
Ports A,B,C
Ports A,B,C,D,E
Ports A,B,C
Ports A,B,C,D,E
Timers
333
3
Capture/Compare/PWM Modules
2
2
2
2
Serial Communications
MSSP, USART
MSSP, USART
MSSP, USART
MSSP, USART
Parallel Communications
PSP
PSP
10-bit Analog-to-Digital Module
5 input channels
8 input channels
5 input channels
8 input channels
Instruction Set
35 instructions
35 instructions
35 instructions
35 instructions


Similar Part No. - PIC16F87X-10EP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F87X MICROCHIP-PIC16F87X Datasheet
3Mb / 218P
   28/40-pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F87X MICROCHIP-PIC16F87X Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F87X MICROCHIP-PIC16F87X Datasheet
1Mb / 200P
   28/40-pin 8-Bit CMOS FLASH Microcontrollers
1998
PIC16F87X MICROCHIP-PIC16F87X Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F87X MICROCHIP-PIC16F87X Datasheet
199Kb / 22P
   EEPROM Memory Programming Specification
2002
More results

Similar Description - PIC16F87X-10EP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F87X MICROCHIP-PIC16F87X_13 Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12 1998-2013
PIC16LF877-04PT MICROCHIP-PIC16LF877-04PT Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 174P
   28/40-pin, 8-bit CMOS FLASH Microcontrollers
2002
P16F877 MICROCHIP-P16F877 Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 170P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2002
PIC16F87X MICROCHIP-PIC16F87X_01 Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F87X MICROCHIP-PIC16F87X_98 Datasheet
1Mb / 200P
   28/40-pin 8-Bit CMOS FLASH Microcontrollers
1998
PIC16LF73-I MICROCHIP-PIC16LF73-I Datasheet
4Mb / 174P
   28/40-pin, 8-bit CMOS FLASH Microcontrollers
01/18/02
PIC16F876-04I MICROCHIP-PIC16F876-04I Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
01/30/01
PIC16F870 MICROCHIP-PIC16F870_13 Datasheet
2Mb / 172P
   28/40-Pin, 8-Bit CMOS FLASH Microcontrollers
11/29/12 2000-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com