Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMA2701BR1 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # HMA2701BR1
Description  FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HMA2701BR1 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  HMA2701BR1 Datasheet HTML 1Page - Fairchild Semiconductor HMA2701BR1 Datasheet HTML 2Page - Fairchild Semiconductor HMA2701BR1 Datasheet HTML 3Page - Fairchild Semiconductor HMA2701BR1 Datasheet HTML 4Page - Fairchild Semiconductor HMA2701BR1 Datasheet HTML 5Page - Fairchild Semiconductor HMA2701BR1 Datasheet HTML 6Page - Fairchild Semiconductor HMA2701BR1 Datasheet HTML 7Page - Fairchild Semiconductor HMA2701BR1 Datasheet HTML 8Page - Fairchild Semiconductor HMA2701BR1 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FULL PITCH MINI-FLAT PACKAGE
4-PIN OPTOCOUPLERS
11/12/03
Page 3 of 10
© 2003 Fairchild Semiconductor Corporation
HMA121 Series
HMA124
HMA2701 Series
HMAA2705
ELECTRICAL CHARACTERISTICS (TA = 25°C)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
EMITTER
(IF = 10 mA)
VF
HMA121 Series
1.0
1.3
V
Forward Voltage
HMA124
(IF = 5 mA)
HMA2701 Series
1.4
(IF = ± 5 mA)
HMAA2705
Reverse Current
(VR = 5 V)
IR
HMA2701 Series
5µA
HMA121 Series
HMA124
DETECTOR
(IC = 1 mA, IF = 0)
BVCEO
HMA121 Series
80
V
Breakdown Voltage
HMA124
Collector to Emitter
HMA2701 Series
40
HMAA2705
Emitter to Collector
(IE = 100 µA, IF = 0)
BVECO
All
7
Collector Dark Current
(VCE = 40 V, IF = 0)
ICEO
All
100
nA
Capacitance
(VCE = 0 V, f = 1 MHz)
CCE
All
10
pF


Similar Part No. - HMA2701BR1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HMA271-73 LITTELFUSE-HMA271-73 Datasheet
455Kb / 4P
   H/I-Series
HMA271-78 LITTELFUSE-HMA271-78 Datasheet
455Kb / 4P
   H/I-Series
More results

Similar Description - HMA2701BR1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM2705R2 FAIRCHILD-FODM2705R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2705R1 FAIRCHILD-FODM2705R1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124R2V FAIRCHILD-FODM124R2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121BR2 FAIRCHILD-FODM121BR2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR2V FAIRCHILD-FODM121AR2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2701R2 FAIRCHILD-FODM2701R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
HMHAA280 FAIRCHILD-HMHAA280_06 Datasheet
510Kb / 9P
   Half Pitch Mini-Flat Package 4-Pin Optocouplers
HMHAA280 FAIRCHILD-HMHAA280 Datasheet
533Kb / 9P
   HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com