Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN32055A Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # AN32055A
Description  7 x 7 Dots Matrix LED Driver LSI with Step-up DC/DC Converter for White LED
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN32055A Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button AN32055A Datasheet HTML 6Page - Panasonic Semiconductor AN32055A Datasheet HTML 7Page - Panasonic Semiconductor AN32055A Datasheet HTML 8Page - Panasonic Semiconductor AN32055A Datasheet HTML 9Page - Panasonic Semiconductor AN32055A Datasheet HTML 10Page - Panasonic Semiconductor AN32055A Datasheet HTML 11Page - Panasonic Semiconductor AN32055A Datasheet HTML 12Page - Panasonic Semiconductor AN32055A Datasheet HTML 13Page - Panasonic Semiconductor AN32055A Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
AN32055A
Page 10 of 96
Product Standards
*2
mA
16.693
15.456
14.220
At 15 mA setup
VX0, X1, X2, X3, X4, X5, X6 = 1 V
IMX15 = IX0, X1, X2, X3, X4, X5, X6
IMX15
Output current (5)
5
–5
The average value of all
channels, and the current
error of each channel
IMXCH
The error between channels
*2
mA
8.781
8.131
7.480
At 8 mA setup
VX0, X1, X2, X3, X4, X5, X6 = 1 V
IMX8 = IX0, X1, X2, X3, X4, X5, X6
IMX8
Output current (4)
*2
mA
4.393
4.068
3.742
At 4 mA setup
VX0, X1, X2, X3, X4, X5, X6 = 1 V
IMX4 = IX0, X1, X2, X3, X4, X5, X6
IMX4
Output current (3)
*2
mA
2.181
2.019
1.858
At 2 mA setup
VX0, X1, X2, X3, X4, X5, X6 = 1 V
IMX2 = IX0, X1, X2, X3, X4, X5, X6
IMX2
Output current (2)
*2
mA
1.080
1.000
0.920
At 1mA setup
VX0, X1, X2, X3, X4, X5, X6 = 1 V
IMX1 = IX0, X1, X2, X3, X4, X5, X6
IMX1
Output current (1)
Current generator (For 7*7 dots matrix LED)
A
1
Current OFF setup
VX0, X1, X2, X3, X4, X5, X6
= 4.75 V
IMXOFF
= IX0, X1, X2, X3, X4, X5, X6
IMXOFF
Leak current at the time of
OFF
Limits
Typ
Unit
Max
Note
Min
Condition
Symbol
Parameter
*2: Values when recommended parts (ERJ2RHD273X) are used for IREF terminal. The other current settings are combination
of above items.
ELECTRICAL CHARACTERISTICS (continued)
VB = VBDCDC = VBLED = 3.6 V, VLED1 = VLED2 = 4.9 V
Note) T
a = 25 C  2 C unless otherwise specified.
Doc No. TA4-EA-04511
Revision. 2
Established : 2006-08-29
Revised
: 2013-04-01


Similar Part No. - AN32055A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN32051A PANASONIC-AN32051A Datasheet
911Kb / 64P
   7 x 7 Dots Matrix LED Driver LSI
AN32058A PANASONIC-AN32058A Datasheet
908Kb / 65P
   7 x 7 Dots Matrix LED Driver LSI
More results

Similar Description - AN32055A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN32058A PANASONIC-AN32058A Datasheet
908Kb / 65P
   7 x 7 Dots Matrix LED Driver LSI
AN32051A PANASONIC-AN32051A Datasheet
911Kb / 64P
   7 x 7 Dots Matrix LED Driver LSI
logo
Marktech Corporate
TB62731FUG MARKTECH-TB62731FUG Datasheet
273Kb / 17P
   Step-up DC-DC Converter for White LED Driver
logo
Toshiba Semiconductor
TB62731FUG TOSHIBA-TB62731FUG Datasheet
246Kb / 20P
   Step-up DC-DC Converter for White LED Driver
logo
Stanson Technology
ST1938 STANSON-ST1938 Datasheet
151Kb / 5P
   DC-DC Step-Up Converter for White LED Driver
logo
Toshiba Semiconductor
TB62732FUG TOSHIBA-TB62732FUG Datasheet
290Kb / 18P
   Step-up DC/DC Converter for White LED Driver
logo
Stanson Technology
ST1937 STANSON-ST1937 Datasheet
202Kb / 6P
   DC-DC Step-Up Converter for White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
   Step-Up DC-DC Converter, White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com