Electronic Components Datasheet Search |
|
PIC16LF87X-20PQ Datasheet(PDF) 8 Page - Microchip Technology |
|
PIC16LF87X-20PQ Datasheet(HTML) 8 Page - Microchip Technology |
8 / 218 page PIC16F87X DS30292D-page 8 1998-2013 Microchip Technology Inc. TABLE 1-2: PIC16F874 AND PIC16F877 PINOUT DESCRIPTION Pin Name DIP Pin# PLCC Pin# QFP Pin# I/O/P Type Buffer Type Description OSC1/CLKIN 13 14 30 I ST/CMOS(4) Oscillator crystal input/external clock source input. OSC2/CLKOUT 14 15 31 O — Oscillator crystal output. Connects to crystal or resonator in crystal oscillator mode. In RC mode, OSC2 pin outputs CLKOUT which has 1/4 the frequency of OSC1, and denotes the instruction cycle rate. MCLR/VPP 1 2 18 I/P ST Master Clear (Reset) input or programming voltage input. This pin is an active low RESET to the device. PORTA is a bi-directional I/O port. RA0/AN0 2 3 19 I/O TTL RA0 can also be analog input0. RA1/AN1 3 4 20 I/O TTL RA1 can also be analog input1. RA2/AN2/VREF- 4 5 21 I/O TTL RA2 can also be analog input2 or negative analog reference voltage. RA3/AN3/VREF+ 5 6 22 I/O TTL RA3 can also be analog input3 or positive analog reference voltage. RA4/T0CKI 6 7 23 I/O ST RA4 can also be the clock input to the Timer0 timer/ counter. Output is open drain type. RA5/SS/AN4 7 8 24 I/O TTL RA5 can also be analog input4 or the slave select for the synchronous serial port. PORTB is a bi-directional I/O port. PORTB can be soft- ware programmed for internal weak pull-up on all inputs. RB0/INT 33 36 8 I/O TTL/ST(1) RB0 can also be the external interrupt pin. RB1 34 37 9 I/O TTL RB2 35 38 10 I/O TTL RB3/PGM 36 39 11 I/O TTL RB3 can also be the low voltage programming input. RB4 37 41 14 I/O TTL Interrupt-on-change pin. RB5 38 42 15 I/O TTL Interrupt-on-change pin. RB6/PGC 39 43 16 I/O TTL/ST(2) Interrupt-on-change pin or In-Circuit Debugger pin. Serial programming clock. RB7/PGD 40 44 17 I/O TTL/ST(2) Interrupt-on-change pin or In-Circuit Debugger pin. Serial programming data. Legend: I = input O = output I/O = input/output P = power — = Not used TTL = TTL input ST = Schmitt Trigger input Note 1: This buffer is a Schmitt Trigger input when configured as an external interrupt. 2: This buffer is a Schmitt Trigger input when used in Serial Programming mode. 3: This buffer is a Schmitt Trigger input when configured as general purpose I/O and a TTL input when used in the Parallel Slave Port mode (for interfacing to a microprocessor bus). 4: This buffer is a Schmitt Trigger input when configured in RC oscillator mode and a CMOS input otherwise. |
Similar Part No. - PIC16LF87X-20PQ |
|
Similar Description - PIC16LF87X-20PQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |