Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC60-1005G Datasheet(PDF) 3 Page - Power-One

Part # ABC60-1005G
Description  60 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ABC60-1005G Datasheet(HTML) 3 Page - Power-One

  ABC60-1005G Datasheet HTML 1Page - Power-One ABC60-1005G Datasheet HTML 2Page - Power-One ABC60-1005G Datasheet HTML 3Page - Power-One ABC60-1005G Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BCD.00282_AA_June-26-2013
3
www.power-one.com
DATA SHEET
Notes:
1.
Maximum outputs for each output. Max power rating should not be exceeded.
2.
Output noise measurement is made with a 20 MHz bandwidth using a 6” twisted pair, terminated with a 10 uF tantalum
capacitor in parallel with a 0.1 uF ceramic capacitor.
3.
Safety Approved: 47 to 63 Hz.
4.
Minimum load specified to meet cross regulation.
5.
Specifications are for nominal input voltage, 25° C and max load unless otherwise stated.
6.
Class 1 models have Earthing tab J4. Class 2 models (-2 suffix) have no Earthing tab.
7.
Unit will turn on at -40° C and will operate but ripple and noise will be ± 3% for up to 5 minutes.
8.
Specifications subject to change without notice.
9.
Warranty 2 years.
General Specifications
PARAMETER
DESCRIPTION/CONDITION
Hold Up Time
6 mSec
120 Vac input
MTBF
>100 khrs
MIL-HDBK-217F
Switching Frequency
67 kHz typical
Isolation Voltage
Input to Output: Min 4242 Vdc
Input to Ground 2120 Vdc
Weight
150 g (0.33 lbs)
Environmental
PARAMETER
DESCRIPTION/CONDITION
Operating Temperature
-20 to 50° C Full Load.
Full Load
50 to 70° C
Derate linearly to 50% at 70° C
Storage Temperature
-40 to 70° C
Relative Humidity
95%
Non-Condensing
Altitude
Operating 10,000 ft.
Non-Operation 40,000 ft.
Conducted emissions:
EN55022, FCC part 15 Level B
Radiated Emissions
EN55022, FCC part 15 Level B
To be controlled in end system
Electromagnetic Susceptibility
EN61000-4
2, 3, 4, 5 Level 3
Harmonic Current
EN61000-3-2, Class A
Safety
PARAMETER
DESCRIPTION/CONDITION
EN / UL / CSA
EN60950-1+A12:2011, IEC60950-1 2nd+A1 2009, CSA-22.2 No 60950-01-07+ A1,
UL60950-1-2011


Similar Part No. - ABC60-1005G

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC60-1005G BEL-ABC60-1005G Datasheet
756Kb / 5P
   Cover Kit Accessory Available
ABC60-1005G BEL-ABC60-1005G Datasheet
681Kb / 7P
   4 x 2 x 1.2 Inch Form Factor (101.6 x 50.8 x 30.48 mm)
More results

Similar Description - ABC60-1005G

ManufacturerPart #DatasheetDescription
logo
Power-One
ABC201-1005G POWER-ONE-ABC201-1005G Datasheet
558Kb / 4P
   160 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
logo
Total Power Internation...
TPES34 TOTAL-POWER-TPES34 Datasheet
394Kb / 2P
   EMI MEET EN 55022 / FCC CLASS B
MSDWI03 TOTAL-POWER-MSDWI03 Datasheet
464Kb / 4P
   Input Filter meets EN 55022,class A and FCC, level A
MKW2000 TOTAL-POWER-MKW2000 Datasheet
460Kb / 4P
   Input Filter meets EN 55022,class A and FCC, level A
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
   250 W Convection-cooled
JPS XPPOWER-JPS Datasheet
167Kb / 2P
   100 W Convection-cooled
logo
Bel Fuse Inc.
ABC600 BEL-ABC600_V01 Datasheet
711Kb / 12P
   600 W standard, 420 W convection cooled
MBC600 BEL-MBC600 Datasheet
713Kb / 11P
   600 W standard, 420 W convection cooled
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com