Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUFA75329D3S Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # HUFA75329D3S
Description  20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75329D3S Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HUFA75329D3S Datasheet HTML 1Page - Fairchild Semiconductor HUFA75329D3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA75329D3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA75329D3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA75329D3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA75329D3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA75329D3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA75329D3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA75329D3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75329D3, HUFA75329D3S Rev. A
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 12. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260.
FIGURE 13. GATE CHARGE WAVEFORMS FOR CONSTANT GATE CURRENT
Typical Performance Curves (Continued)
1.0
1.5
2.0
2.5
-40
0
40
80
120
160
200
0.5
-80
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 80
µs
VGS = 10V, ID = 20A
DUTY CYCLE = 0.5% MAX
0.8
1.0
1.2
-40
0
40
80
120
160
200
0.6
-80
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
0.4
0.9
1.0
1.1
1.2
-40
0
40
80
120
160
200
-80
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
0.8
1200
600
0
0
10
203040
50
900
VDS, DRAIN TO SOURCE VOLTAGE (V)
300
CISS
COSS
CRSS
60
1500
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS CDS + CGD
10
8
6
4
0
VDD = 30V
2
15
20
35
0
Qg, GATE CHARGE (nC)
510
ID = 20A
ID = 12.5A
ID = 5A
WAVEFORMS IN
DESCENDING ORDER:
25
30
HUFA75329D3, HUFA75329D3S


Similar Part No. - HUFA75329D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75329G3 FAIRCHILD-HUFA75329G3 Datasheet
295Kb / 10P
   49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75329P3 FAIRCHILD-HUFA75329P3 Datasheet
295Kb / 10P
   49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75329S3S FAIRCHILD-HUFA75329S3S Datasheet
295Kb / 10P
   49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75329S3ST FAIRCHILD-HUFA75329S3ST Datasheet
295Kb / 10P
   49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
More results

Similar Description - HUFA75329D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75329D3 FAIRCHILD-HUF75329D3 Datasheet
225Kb / 10P
   20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75329D3 INTERSIL-HUF75329D3 Datasheet
127Kb / 9P
   20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75321D3ST FAIRCHILD-HUF75321D3ST Datasheet
836Kb / 10P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75321D3 FAIRCHILD-HUFA75321D3 Datasheet
226Kb / 10P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
HUF75321D3 FAIRCHILD-HUF75321D3 Datasheet
226Kb / 10P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75321D3 INTERSIL-HUF75321D3 Datasheet
129Kb / 9P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA75321P3 FAIRCHILD-HUFA75321P3 Datasheet
234Kb / 10P
   35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75309P3 INTERSIL-HUF75309P3 Datasheet
102Kb / 9P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com