Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62150A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62150A
Description  3-17V 1A Step-Down Converter in 3x3 QFN Package
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62150A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62150A Datasheet HTML 4Page - Texas Instruments TPS62150A Datasheet HTML 5Page - Texas Instruments TPS62150A Datasheet HTML 6Page - Texas Instruments TPS62150A Datasheet HTML 7Page - Texas Instruments TPS62150A Datasheet HTML 8Page - Texas Instruments TPS62150A Datasheet HTML 9Page - Texas Instruments TPS62150A Datasheet HTML 10Page - Texas Instruments TPS62150A Datasheet HTML 11Page - Texas Instruments TPS62150A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.0001
0.001
0.01
0.1
1
VIN=5V
VIN=12V
VIN=17V
Output Current (A)
VOUT=3.3V
L=2.2uH (XFL4020)
Cout=22uF
G001
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
4
5
6
7
8
9
10
11
12
13
14
15
16
17
IOUT=1mA
IOUT=10mA
IOUT=100mA
IOUT=1A
Input Voltage (V)
VOUT=3.3V
L=2.2uH (XFL4020)
Cout=22uF
G001
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.0001
0.001
0.01
0.1
1
VIN=12V
VIN=17V
Output Current (A)
VOUT=5.0V
L=2.2uH (XFL4020)
Cout=22uF
G001
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
7
8
9
10
11
12
13
14
15
16
17
IOUT=1mA
IOUT=10mA
IOUT=100mA
IOUT=1A
Input Voltage (V)
VOUT=5.0V
L=2.2uH (XFL4020)
Cout=22uF
G001
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.0001
0.001
0.01
0.1
1
VIN=12V
VIN=17V
Output Current (A)
VOUT=5.0V
L=2.2uH (XFL4020)
Cout=22uF
G001
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
7
8
9
10
11
12
13
14
15
16
17
IOUT=1mA
IOUT=10mA
IOUT=100mA
IOUT=1A
Input Voltage (V)
VOUT=5.0V
L=2.2uH (XFL4020)
Cout=22uF
G001
TPS62150, TPS62150A
TPS62151, TPS62152, TPS62153
SLVSAL5B – NOVEMBER 2011 – REVISED JUNE 2013
www.ti.com
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 5. Efficiency with 1.25MHz, Vout=5V
Figure 6. Efficiency with 1.25MHz, Vout=5V
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 7. Efficiency with 2.5MHz, Vout=5V
Figure 8. Efficiency with 2.5MHz, Vout=5V
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 9. Efficiency with 1.25MHz, Vout=3.3V
Figure 10. Efficiency with 1.25MHz, Vout=3.3V
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: TPS62150, TPS62150A TPS62151 TPS62152 TPS62153


Similar Part No. - TPS62150A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62150A TI-TPS62150A Datasheet
1Mb / 35P
[Old version datasheet]   TPS6215xA-Q1 3V to 17-V 1A Step-Down Converter with DCS-ControlTM
TPS62150A TI1-TPS62150A Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150A TI1-TPS62150A Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TPS62150A-Q1 TI-TPS62150A-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6215xA-Q1 3V to 17-V 1A Step-Down Converter with DCS-ControlTM
TPS62150A-Q1 TI1-TPS62150A-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
More results

Similar Description - TPS62150A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62150 TI1-TPS62150 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130_13 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130_14 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI-TPS62130_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6213x 3V-17V 3A Step-Down Converter In 3x3 QFN Package
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
logo
Monolithic Power System...
EV21148-QD-00B MPS-EV21148-QD-00B Datasheet
273Kb / 7P
   1A Synchronous Step-down Converter in Ultra-small 1x1.5mm QFN
logo
Texas Instruments
TLV62150ARGTR TI-TLV62150ARGTR Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
logo
Monolithic Power System...
MP2388 MPS-MP2388 Datasheet
1Mb / 18P
   1A, 21V, 2MHz, High-Efficiency, Synchronous, Step-Down Converter in Ultra-Thin QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com