Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62152 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62152
Description  3-17V 1A Step-Down Converter in 3x3 QFN Package
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62152 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62152 Datasheet HTML 3Page - Texas Instruments TPS62152 Datasheet HTML 4Page - Texas Instruments TPS62152 Datasheet HTML 5Page - Texas Instruments TPS62152 Datasheet HTML 6Page - Texas Instruments TPS62152 Datasheet HTML 7Page - Texas Instruments TPS62152 Datasheet HTML 8Page - Texas Instruments TPS62152 Datasheet HTML 9Page - Texas Instruments TPS62152 Datasheet HTML 10Page - Texas Instruments TPS62152 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
COUT
VOUT
CIN
L1
VIN
FB
PG
TPS62150
R1
R2
CSS
R3
VIN
AVIN
EN
SS/TR
DEF
FSW
SW
VOS
PG
FB
AGND
PGND
TPS62150, TPS62150A
TPS62151, TPS62152, TPS62153
www.ti.com
SLVSAL5B – NOVEMBER 2011 – REVISED JUNE 2013
PARAMETER MEASUREMENT INFORMATION
List of Components
REFERENCE
DESCRIPTION
MANUFACTURER
IC
17V, 1A Step-Down Converter, QFN
TPS62150RGT, Texas Instruments
L1
2.2µH, 3.1A, 0.165 x 0.165 in
XFL4020-222MEB, Coilcraft
Cin
10µF, 25V, Ceramic
Standard
Cout
22µF, 6.3V, Ceramic
Standard
Cs
3300pF, 25V, Ceramic
R1
depending on Vout
R2
depending on Vout
R3
100k
Ω, Chip, 0603, 1/16W, 1%
Standard
Figure 4. Measurement Setup
TYPICAL CHARACTERISTICS
Table of Graphs
DESCRIPTION
FIGURE
Efficiency
vs Output Current, vs Input Voltage
5 - 16
vs Output current (Load regulation), vs Input Voltage
Output voltage
17, 18
(Line regulation)
vs Input Voltage
19
Switching Frequency
vs Output Current
20
Quiescent Current
vs Input Voltage
21
Shutdown Current
vs Input Voltage
22
Power FET RDS(on)
vs Input Voltage (High-Side, Low-Side)
23, 24
Output Voltage Ripple
vs output Current
25
Maximum Output Current
vs Input Voltage
26
Power Supply Rejection Ratio (PSSR)
vs Frequency
27, 28
PWM-PSM-PWM Mode Transition
29
Load Transient Response
30 - 32
Waveforms
Startup
33, 34
Typical PWM Mode Operation
35
Typical Power Save Mode Operation
36
vs Load Current
37
Maximum Ambient Temperature
vs Power Dissipation
38
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS62150, TPS62150A TPS62151 TPS62152 TPS62153


Similar Part No. - TPS62152

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62152 TI1-TPS62152 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62152 TI1-TPS62152 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62152-Q1 TI1-TPS62152-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   Automotive Wide Input, Fixed 3V Output Voltage, 1A Step-Down Converter
More results

Similar Description - TPS62152

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62150 TI1-TPS62150 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130_13 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130_14 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI-TPS62130_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6213x 3V-17V 3A Step-Down Converter In 3x3 QFN Package
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
logo
Monolithic Power System...
EV21148-QD-00B MPS-EV21148-QD-00B Datasheet
273Kb / 7P
   1A Synchronous Step-down Converter in Ultra-small 1x1.5mm QFN
logo
Texas Instruments
TLV62150ARGTR TI-TLV62150ARGTR Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
logo
Monolithic Power System...
MP2388 MPS-MP2388 Datasheet
1Mb / 18P
   1A, 21V, 2MHz, High-Efficiency, Synchronous, Step-Down Converter in Ultra-Thin QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com