Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62153 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62153
Description  3-17V 1A Step-Down Converter in 3x3 QFN Package
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62153 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62153 Datasheet HTML 1Page - Texas Instruments TPS62153 Datasheet HTML 2Page - Texas Instruments TPS62153 Datasheet HTML 3Page - Texas Instruments TPS62153 Datasheet HTML 4Page - Texas Instruments TPS62153 Datasheet HTML 5Page - Texas Instruments TPS62153 Datasheet HTML 6Page - Texas Instruments TPS62153 Datasheet HTML 7Page - Texas Instruments TPS62153 Datasheet HTML 8Page - Texas Instruments TPS62153 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
3
Exposed
Thermal Pad
9
10
11
12
8
7
6
5
4
2
1
16
15
14
13
PVIN
PVIN
AVIN
SS/TR
SW
SW
SW
PG
TPS62150, TPS62150A
TPS62151, TPS62152, TPS62153
SLVSAL5B – NOVEMBER 2011 – REVISED JUNE 2013
www.ti.com
DEVICE INFORMATION
RGT PACKAGE
(TOP VIEW)
Terminal Functions
PIN(1)
I/O
DESCRIPTION
NAME
NO.
SW
1,2,3
O
Switch node, which is connected to the internal MOSFET switches. Connect inductor between SW and
output capacitor.
PG
4
O
Output power good (High = VOUT ready, Low = VOUT below nominal regulation) ; open drain (requires
pull-up resistor; goes high impedance, when device is switched off)
FB
5
I
Voltage feedback of adjustable version connect resistive voltage divider to this pin. Its recommended to
connect FB to AGND on fixed output voltage versions for improved thermal performance.
AGND
6
Analog Ground. Must be connected directly to the Exposed Thermal Pad and common ground plane.
FSW
7
I
Switching Frequency Select (Low
≈ 2.5MHz, High ≈ 1.25MHz(2) for typical operation)(3)
DEF
8
I
Output Voltage Scaling (Low = nominal, High = nominal + 5%)(3)
Soft-Start / Tracking Pin. An external capacitor connected to this pin sets the internal voltage reference rise
SS/TR
9
I
time. It can be used for tracking and sequencing.
AVIN
10
I
Supply voltage for control circuitry. Connect to same source as PVIN.
PVIN
11,12
I
Supply voltage for power stage. Connect to same source as AVIN.
EN
13
I
Enable input (High = enabled, Low = disabled)(3)
VOS
14
I
Output voltage sense pin and connection for the control loop circuitry.
PGND
15,16
Power ground. Must be connected directly to the Exposed Thermal Pad and common ground plane.
Exposed
Must be connected to AGND (pin 6), PGND (pin 15,16) and common ground plane(4). Must be connected
Thermal Pad
to AGND. Must be soldered to achieve appropriate power dissipation and mechanical reliability.
(1)
For more information about connecting pins, see DETAILED DESCRIPTION and APPLICATION INFORMATION sections.
(2)
Connect FSW to VOUT or PG in this case.
(3)
An internal pull-down resistor keeps logic level low, if pin is floating.
(4)
See Figure 39.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: TPS62150, TPS62150A TPS62151 TPS62152 TPS62153


Similar Part No. - TPS62153

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62153 TI1-TPS62153 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62153 TI1-TPS62153 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62153A-Q1 TI-TPS62153A-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6215xA-Q1 3V to 17-V 1A Step-Down Converter with DCS-ControlTM
TPS62153A-Q1 TI1-TPS62153A-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TPS62153AQRGTRQ1 TI-TPS62153AQRGTRQ1 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6215xA-Q1 3V to 17-V 1A Step-Down Converter with DCS-ControlTM
More results

Similar Description - TPS62153

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62150 TI1-TPS62150 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130_13 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130_14 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI-TPS62130_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6213x 3V-17V 3A Step-Down Converter In 3x3 QFN Package
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
logo
Monolithic Power System...
EV21148-QD-00B MPS-EV21148-QD-00B Datasheet
273Kb / 7P
   1A Synchronous Step-down Converter in Ultra-small 1x1.5mm QFN
logo
Texas Instruments
TLV62150ARGTR TI-TLV62150ARGTR Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
logo
Monolithic Power System...
MP2388 MPS-MP2388 Datasheet
1Mb / 18P
   1A, 21V, 2MHz, High-Efficiency, Synchronous, Step-Down Converter in Ultra-Thin QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com