Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF87X-20EL Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC16LF87X-20EL
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
Download  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF87X-20EL Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC16LF87X-20EL Datasheet HTML 2Page - Microchip Technology PIC16LF87X-20EL Datasheet HTML 3Page - Microchip Technology PIC16LF87X-20EL Datasheet HTML 4Page - Microchip Technology PIC16LF87X-20EL Datasheet HTML 5Page - Microchip Technology PIC16LF87X-20EL Datasheet HTML 6Page - Microchip Technology PIC16LF87X-20EL Datasheet HTML 7Page - Microchip Technology PIC16LF87X-20EL Datasheet HTML 8Page - Microchip Technology PIC16LF87X-20EL Datasheet HTML 9Page - Microchip Technology PIC16LF87X-20EL Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 218 page
background image
PIC16F87X
DS30292D-page 6
 1998-2013 Microchip Technology Inc.
FIGURE 1-2:
PIC16F874 AND PIC16F877 BLOCK DIAGRAM
FLASH
Program
Memory
13
Data Bus
8
14
Program
Bus
Instruction reg
Program Counter
8 Level Stack
(13-bit)
RAM
File
Registers
Direct Addr
7
RAM Addr(1)
9
Addr MUX
Indirect
Addr
FSR reg
STATUS reg
MUX
ALU
W reg
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
Timing
Generation
OSC1/CLKIN
OSC2/CLKOUT
MCLR
VDD, VSS
PORTA
PORTB
PORTC
PORTD
PORTE
RA4/T0CKI
RA5/AN4/SS
RC0/T1OSO/T1CKI
RC1/T1OSI/CCP2
RC2/CCP1
RC3/SCK/SCL
RC4/SDI/SDA
RC5/SDO
RC6/TX/CK
RC7/RX/DT
RE0/AN5/RD
RE1/AN6/WR
RE2/AN7/CS
8
8
Brown-out
Reset
Note 1: Higher order bits are from the STATUS register.
USART
CCP1,2
Synchronous
10-bit A/D
Timer0
Timer1
Timer2
Serial Port
RA3/AN3/VREF+
RA2/AN2/VREF-
RA1/AN1
RA0/AN0
Parallel Slave Port
8
3
Data EEPROM
RB0/INT
RB1
RB2
RB3/PGM
RB4
RB5
RB6/PGC
RB7/PGD
Device
Program
FLASH
Data Memory
Data
EEPROM
PIC16F874
4K
192 Bytes
128 Bytes
PIC16F877
8K
368 Bytes
256 Bytes
In-Circuit
Debugger
Low-Voltage
Programming
RD0/PSP0
RD1/PSP1
RD2/PSP2
RD3/PSP3
RD4/PSP4
RD5/PSP5
RD6/PSP6
RD7/PSP7


Similar Part No. - PIC16LF87X-20EL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF87X MICROCHIP-PIC16LF87X Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12 1998-2013
PIC16LF87XA MICROCHIP-PIC16LF87XA Datasheet
4Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
2003
PIC16LF87XA MICROCHIP-PIC16LF87XA Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
PIC16LF87XAI/L MICROCHIP-PIC16LF87XAI/L Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16LF87XAI/ML MICROCHIP-PIC16LF87XAI/ML Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
More results

Similar Description - PIC16LF87X-20EL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F87X MICROCHIP-PIC16F87X_13 Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12 1998-2013
PIC16LF877-04PT MICROCHIP-PIC16LF877-04PT Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 174P
   28/40-pin, 8-bit CMOS FLASH Microcontrollers
2002
P16F877 MICROCHIP-P16F877 Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 170P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2002
PIC16F87X MICROCHIP-PIC16F87X_01 Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F87X MICROCHIP-PIC16F87X_98 Datasheet
1Mb / 200P
   28/40-pin 8-Bit CMOS FLASH Microcontrollers
1998
PIC16LF73-I MICROCHIP-PIC16LF73-I Datasheet
4Mb / 174P
   28/40-pin, 8-bit CMOS FLASH Microcontrollers
01/18/02
PIC16F876-04I MICROCHIP-PIC16F876-04I Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
01/30/01
PIC16F870 MICROCHIP-PIC16F870_13 Datasheet
2Mb / 172P
   28/40-Pin, 8-Bit CMOS FLASH Microcontrollers
11/29/12 2000-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com