Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF87XT-10IL Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC16LF87XT-10IL
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
Download  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF87XT-10IL Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC16LF87XT-10IL Datasheet HTML 4Page - Microchip Technology PIC16LF87XT-10IL Datasheet HTML 5Page - Microchip Technology PIC16LF87XT-10IL Datasheet HTML 6Page - Microchip Technology PIC16LF87XT-10IL Datasheet HTML 7Page - Microchip Technology PIC16LF87XT-10IL Datasheet HTML 8Page - Microchip Technology PIC16LF87XT-10IL Datasheet HTML 9Page - Microchip Technology PIC16LF87XT-10IL Datasheet HTML 10Page - Microchip Technology PIC16LF87XT-10IL Datasheet HTML 11Page - Microchip Technology PIC16LF87XT-10IL Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 218 page
background image
PIC16F87X
DS30292D-page 8
 1998-2013 Microchip Technology Inc.
TABLE 1-2:
PIC16F874 AND PIC16F877 PINOUT DESCRIPTION
Pin Name
DIP
Pin#
PLCC
Pin#
QFP
Pin#
I/O/P
Type
Buffer
Type
Description
OSC1/CLKIN
13
14
30
I
ST/CMOS(4)
Oscillator crystal input/external clock source input.
OSC2/CLKOUT
14
15
31
O
Oscillator crystal output. Connects to crystal or resonator
in crystal oscillator mode. In RC mode, OSC2 pin outputs
CLKOUT which has 1/4 the frequency of OSC1, and
denotes the instruction cycle rate.
MCLR/VPP
1
2
18
I/P
ST
Master Clear (Reset) input or programming voltage input.
This pin is an active low RESET to the device.
PORTA is a bi-directional I/O port.
RA0/AN0
2
3
19
I/O
TTL
RA0 can also be analog input0.
RA1/AN1
3
4
20
I/O
TTL
RA1 can also be analog input1.
RA2/AN2/VREF-
4
5
21
I/O
TTL
RA2 can also be analog input2 or negative
analog reference voltage.
RA3/AN3/VREF+
5
6
22
I/O
TTL
RA3 can also be analog input3 or positive
analog reference voltage.
RA4/T0CKI
6
7
23
I/O
ST
RA4 can also be the clock input to the Timer0 timer/
counter. Output is open drain type.
RA5/SS/AN4
7
8
24
I/O
TTL
RA5 can also be analog input4 or the slave select for
the synchronous serial port.
PORTB is a bi-directional I/O port. PORTB can be soft-
ware programmed for internal weak pull-up on all inputs.
RB0/INT
33
36
8
I/O
TTL/ST(1)
RB0 can also be the external interrupt pin.
RB1
34
37
9
I/O
TTL
RB2
35
38
10
I/O
TTL
RB3/PGM
36
39
11
I/O
TTL
RB3 can also be the low voltage programming input.
RB4
37
41
14
I/O
TTL
Interrupt-on-change pin.
RB5
38
42
15
I/O
TTL
Interrupt-on-change pin.
RB6/PGC
39
43
16
I/O
TTL/ST(2)
Interrupt-on-change pin or In-Circuit Debugger pin.
Serial programming clock.
RB7/PGD
40
44
17
I/O
TTL/ST(2)
Interrupt-on-change pin or In-Circuit Debugger pin.
Serial programming data.
Legend: I = input
O = output
I/O = input/output
P = power
— = Not used
TTL = TTL input
ST = Schmitt Trigger input
Note 1: This buffer is a Schmitt Trigger input when configured as an external interrupt.
2: This buffer is a Schmitt Trigger input when used in Serial Programming mode.
3: This buffer is a Schmitt Trigger input when configured as general purpose I/O and a TTL input when used in the Parallel
Slave Port mode (for interfacing to a microprocessor bus).
4: This buffer is a Schmitt Trigger input when configured in RC oscillator mode and a CMOS input otherwise.


Similar Part No. - PIC16LF87XT-10IL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF87X MICROCHIP-PIC16LF87X Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12 1998-2013
PIC16LF87XA MICROCHIP-PIC16LF87XA Datasheet
4Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
2003
PIC16LF87XA MICROCHIP-PIC16LF87XA Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
PIC16LF87XAI/L MICROCHIP-PIC16LF87XAI/L Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16LF87XAI/ML MICROCHIP-PIC16LF87XAI/ML Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
More results

Similar Description - PIC16LF87XT-10IL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F87X MICROCHIP-PIC16F87X_13 Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12 1998-2013
PIC16LF877-04PT MICROCHIP-PIC16LF877-04PT Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 174P
   28/40-pin, 8-bit CMOS FLASH Microcontrollers
2002
P16F877 MICROCHIP-P16F877 Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 170P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2002
PIC16F87X MICROCHIP-PIC16F87X_01 Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F87X MICROCHIP-PIC16F87X_98 Datasheet
1Mb / 200P
   28/40-pin 8-Bit CMOS FLASH Microcontrollers
1998
PIC16LF73-I MICROCHIP-PIC16LF73-I Datasheet
4Mb / 174P
   28/40-pin, 8-bit CMOS FLASH Microcontrollers
01/18/02
PIC16F876-04I MICROCHIP-PIC16F876-04I Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
01/30/01
PIC16F870 MICROCHIP-PIC16F870_13 Datasheet
2Mb / 172P
   28/40-Pin, 8-Bit CMOS FLASH Microcontrollers
11/29/12 2000-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com