Electronic Components Datasheet Search |
|
CB017D0682 Datasheet(PDF) 1 Page - AVX Corporation |
|
CB017D0682 Datasheet(HTML) 1 Page - AVX Corporation |
1 / 19 page 20 Film Chip Capacitors PEN DIELECTRIC – CB Series GENERAL DESCRIPTION Film chip capacitor using a naked and stacked construction with metallized PEN (polyethylene naphtalate). ADVANTAGES • Use of high temperature dielectric films make these capacitors suitable for IR or vapor phase reflow processes. This chip is built without specific encapsulation. • The intrinsic elasticity of the dielectric film allows an excellent compatibility of the capacitor with all types of material for printed circuit boards. • The self-healing property of film technology results to a safety open failure mode and better overall reliability. • Excellent thermal shock resistance. • Low dissipation factor ESR & ESL. • No piezoelectric effect. • Available in tape and reel suitable for automatic placement. • Non-polar construction. APPLICATIONS General purpose function in low voltage applications where miniaturization and SMD is required. Typical applications would be: • Automotive (Airbag, Fuel injection calculator...) • Telecom (Public switching systems, modems, telephone set, cordless, mobile) • Industrial (SMPS, Power convertor module...) PERFORMANCE CHARACTERISTICS Climatic Category 55/125/56 Capacitance Range 1nF to 4.7μF Tolerance on C R ±5%, ±10% Nominal Voltages 25Vdc to 630Vdc Test Voltage 1.4Vr 2 sec. at 25°C Soldering methods IR or vapor phase reflow (not suitable for wave soldering) Tangent of Loss Angle at 1kHz (DF) < 100 x 10-4 Insulation resistance minimum : IR for C ≤ 0.33μF IR > 1000 MΩ at 20°C for 1 min. charge at 10Vdc for VR < 100Vdc and 100Vdc for VR ≥ 100Vdc for C > 0.33μF IR C > 400 sec. at 20°C for 1 min. charge at 10Vdc for VR < 100Vdc and 100Vdc for VR ≥ 100Vdc Temperature range -55°C to 125°C with voltage derating of 1.25%/°C between 105°C and 125°C A.C. applications For high frequency A.C. application please check with AVX Outer Layer Termination Plating : 100% matte Sn Ni Barrier Under Termination Silver Epoxy Resin Brass Active Layers : PEN dielectric |
Similar Part No. - CB017D0682 |
|
Similar Description - CB017D0682 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |