Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBCP56T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # SBCP56T1G
Description  NPN Silicon Epitaxial Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBCP56T1G Datasheet(HTML) 5 Page - ON Semiconductor

  SBCP56T1G Datasheet HTML 1Page - ON Semiconductor SBCP56T1G Datasheet HTML 2Page - ON Semiconductor SBCP56T1G Datasheet HTML 3Page - ON Semiconductor SBCP56T1G Datasheet HTML 4Page - ON Semiconductor SBCP56T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BCP56 Series, SBCP56 Series
http://onsemi.com
5
PACKAGE DIMENSIONS
SOT−223 (TO−261)
CASE 318E−04
ISSUE N
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
A1
b1
D
E
b
e
e1
4
12
3
0.08 (0003)
A
L1
C
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCH.
1.5
0.059
mm
inches
SCALE 6:1
3.8
0.15
2.0
0.079
6.3
0.248
2.3
0.091
2.3
0.091
2.0
0.079
SOLDERING FOOTPRINT*
HE
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
1.50
1.63
1.75
0.060
INCHES
A1
0.02
0.06
0.10
0.001
b
0.60
0.75
0.89
0.024
b1
2.90
3.06
3.20
0.115
c
0.24
0.29
0.35
0.009
D
6.30
6.50
6.70
0.249
E
3.30
3.50
3.70
0.130
e
2.20
2.30
2.40
0.087
0.85
0.94
1.05
0.033
0.064
0.068
0.002
0.004
0.030
0.035
0.121
0.126
0.012
0.014
0.256
0.263
0.138
0.145
0.091
0.094
0.037
0.041
NOM
MAX
L1
1.50
1.75
2.00
0.060
6.70
7.00
7.30
0.264
0.069
0.078
0.276
0.287
HE
e1
0
°
10°
0
°
10°
q
q
L
L
0.20
−−−
−−−
0.008
−−−
−−−
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
BCP56T1/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - SBCP56T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBCP56T1G ONSEMI-SBCP56T1G Datasheet
74Kb / 5P
   NPN Silicon Epitaxial Transistor
April, 2016 ??Rev. 12
More results

Similar Description - SBCP56T1G

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com