Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3P060-2VQ100PP Datasheet(PDF) 9 Page - Microsemi Corporation

Part # A3P060-2VQ100PP
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
Download  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P060-2VQ100PP Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button A3P060-2VQ100PP Datasheet HTML 5Page - Microsemi Corporation A3P060-2VQ100PP Datasheet HTML 6Page - Microsemi Corporation A3P060-2VQ100PP Datasheet HTML 7Page - Microsemi Corporation A3P060-2VQ100PP Datasheet HTML 8Page - Microsemi Corporation A3P060-2VQ100PP Datasheet HTML 9Page - Microsemi Corporation A3P060-2VQ100PP Datasheet HTML 10Page - Microsemi Corporation A3P060-2VQ100PP Datasheet HTML 11Page - Microsemi Corporation A3P060-2VQ100PP Datasheet HTML 12Page - Microsemi Corporation A3P060-2VQ100PP Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 220 page
background image
ProASIC3 Flash Family FPGAs
Revision 13
1-3
Advanced Flash Technology
The ProASIC3 family offers many benefits, including nonvolatility and reprogrammability through an
advanced flash-based, 130-nm LVCMOS process with seven layers of metal. Standard CMOS design
techniques are used to implement logic and control functions. The combination of fine granularity,
enhanced flexible routing resources, and abundant flash switches allows for very high logic utilization
without compromising device routability or performance. Logic functions within the device are
interconnected through a four-level routing hierarchy.
Advanced Architecture
The proprietary ProASIC3 architecture provides granularity comparable to standard-cell ASICs. The
ProASIC3 device consists of five distinct and programmable architectural features (Figure 1-1 and
Figure 1-2 on page 1-4):
FPGA VersaTiles
Dedicated FlashROM
Dedicated SRAM/FIFO memory
Extensive CCCs and PLLs†
Advanced I/O structure
† The A3P015 and A3P030 do not support PLL or SRAM.
Note: *Not supported by A3P015 and A3P030 devices
Figure 1-1 • ProASIC3 Device Architecture Overview with Two I/O Banks (A3P015, A3P030, A3P060, and
A3P125)
RAM Block
4,608-Bit Dual-Port
SRAM or FIFO Block*
VersaTile
CCC
I/Os
ISP AES
Decryption*
User Nonvolatile
FlashROM
Charge Pumps
Bank 0
Bank 1


Similar Part No. - A3P060-2VQ100PP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A3P060-2VQ144 ACTEL-A3P060-2VQ144 Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P060-2VQ144ES ACTEL-A3P060-2VQ144ES Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P060-2VQ144I ACTEL-A3P060-2VQ144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P060-2VQ144PP ACTEL-A3P060-2VQ144PP Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
More results

Similar Description - A3P060-2VQ100PP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P600-FG256 MICROSEMI-A3P600-FG256 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-FG256 MICROSEMI-A3P1000-FG256 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P030-2QNG68I MICROSEMI-A3P030-2QNG68I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-PQG208I MICROSEMI-A3P1000-PQG208I Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-VQ100 MICROSEMI-M1A3P250-VQ100 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-1VQ100I MICROSEMI-M1A3P250-1VQ100I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P600-PQG208I MICROSEMI-A3P600-PQG208I Datasheet
9Mb / 212P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P250-VQG100I MICROSEMI-A3P250-VQG100I Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-2FG484 MICROSEMI-A3P1000-2FG484 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
logo
List of Unclassifed Man...
A3P030 ETC2-A3P030 Datasheet
214Kb / 11P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com