Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC060330A650 Datasheet(PDF) 7 Page - AVX Corporation

Part # VC060330A650
Description  AVX Multilayer Ceramic Transient Voltage Suppressors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC060330A650 Datasheet(HTML) 7 Page - AVX Corporation

Back Button VC060330A650 Datasheet HTML 2Page - AVX Corporation VC060330A650 Datasheet HTML 3Page - AVX Corporation VC060330A650 Datasheet HTML 4Page - AVX Corporation VC060330A650 Datasheet HTML 5Page - AVX Corporation VC060330A650 Datasheet HTML 6Page - AVX Corporation VC060330A650 Datasheet HTML 7Page - AVX Corporation VC060330A650 Datasheet HTML 8Page - AVX Corporation VC060330A650 Datasheet HTML 9Page - AVX Corporation VC060330A650 Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
TransGuard
®
AVX Multilayer Ceramic Transient Voltage Suppressors
TYPICAL PERFORMANCE CURVES (0603, 0805, 1206 & 1210 CHIP SIZES)
VOLTAGE/CURRENT CHARACTERISTICS
Multilayer construction and improved grain structure result in excellent transient clamping characteristics up to 500 amps peak
current, depending on case size and energy rating, while maintaining very low leakage currents under DC operating condi-
tions. The VI curve below shows the voltage/current characteristics for the 3.3V, 5.6V, 12V, 14V, 18V, 26V, 30V, 48V and
60VDC parts with currents ranging from parts of a micro amp to tens of amps.
VI Curves - 9V, 12V, and 14V Products
50
40
30
20
10
0
10-9
10-6
10-3
10+0
10+3
Current (A)
9V, 0.1J
12V, 0.1J
14V, 0.1J
14V, >0.1J
VI Curves - 3.3V and 5.6V Products
25
20
15
10
5
0
10-9
10-6
10-3
10+0
10+3
Current (A)
3.3V, 0.1J
3.3V, >0.1J
5.6V, 0.1J
5.6V, >0.1J
VI Curves - 30V, 48V, and 60V Products
200
150
100
50
0
10-9
10-6
10-3
10+0
10+3
Current (A)
30V, 0.1J
30V, >0.1J
48V
60V
VI Curves - 18V and 26V Products
100
80
60
40
20
0
10-9
10-6
10-3
10+0
10+3
Current (A)
18V, 0.1J
18V, >0.1J
26V, 0.1J
26V, >0.1J


Similar Part No. - VC060330A650

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC060330A650 AVX-VC060330A650 Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC060330A650 AVX-VC060330A650 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC060330A650 AVX-VC060330A650 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC060330A650 AVX-VC060330A650 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC060330A650 AVX-VC060330A650 Datasheet
105Kb / 8P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results

Similar Description - VC060330A650

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150DP AVX-VC120605D150DP Datasheet
518Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080518C400DP AVX-VC080518C400DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120614D300DP AVX-VC120614D300DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080530A650DP AVX-VC080530A650DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com