Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP56-16T3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # BCP56-16T3G
Description  NPN Silicon Epitaxial Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP56-16T3G Datasheet(HTML) 3 Page - ON Semiconductor

  BCP56-16T3G Datasheet HTML 1Page - ON Semiconductor BCP56-16T3G Datasheet HTML 2Page - ON Semiconductor BCP56-16T3G Datasheet HTML 3Page - ON Semiconductor BCP56-16T3G Datasheet HTML 4Page - ON Semiconductor BCP56-16T3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BCP56 Series, SBCP56 Series
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
100
10
1000
100
10
1
IC, COLLECTOR CURRENT (mA)
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 2. Current−Gain − Bandwidth Product
1000
100
10
100
10
1.0
1000
80
60
40
20
10
8.0
6.0
4.0
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Capacitance
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
Figure 4. Collector Emitter Saturation Voltage
vs. Collector Current
Figure 5. Base Emitter Saturation Voltage vs.
Collector Current
TJ = 125°C
TJ = 25°C
TJ = - 55°C
TJ = 25°C
Cibo
Cobo
1000
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
1
0.1
0.01
0.001
0.01
0.1
1
1
0.1
0.01
0.001
0.2
0.3
0.4
0.6
0.8
0.9
1.1
1.2
IC/IB = 10
150°C
25°C
−55°C
0.5
0.7
1.0
IC/IB = 10
150°C
25°C
−55°C


Similar Part No. - BCP56-16T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCP56-16T3G ONSEMI-BCP56-16T3G Datasheet
74Kb / 5P
   NPN Silicon Epitaxial Transistor
April, 2016 ??Rev. 12
More results

Similar Description - BCP56-16T3G

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com