Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD244C Datasheet(PDF) 4 Page - ON Semiconductor

Part # BD244C
Description  Complementary Silicon Plastic Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD244C Datasheet(HTML) 4 Page - ON Semiconductor

  BD244C Datasheet HTML 1Page - ON Semiconductor BD244C Datasheet HTML 2Page - ON Semiconductor BD244C Datasheet HTML 3Page - ON Semiconductor BD244C Datasheet HTML 4Page - ON Semiconductor BD244C Datasheet HTML 5Page - ON Semiconductor BD244C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BD243B, BD243C (NPN) BD244B, BD244C (PNP)
http://onsemi.com
4
5.0
0.06
Figure 6. Turn-Off Time
IC, COLLECTOR CURRENT (AMP)
2.0
1.0
0.5
0.3
0.2
0.1
0.07
0.05
0.1
0.2
0.4
0.6
2.0
6.0
TJ = 25°C
VCC = 30 V
IC/IB = 10
IB1 = IB2
ts
1.0
4.0
0.7
3.0
tf
300
0.5
Figure 7. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
30
1.0
2.0
3.0
5.0
20
30
50
10
200
100
70
50
TJ = 25°C
Cib
Cob
500
0.06
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
5.0
0.1
0.2
0.3 0.4
0.6
1.0
2.0
6.0
100
50
30
10
2.0
0.06
Figure 9. Collector Saturation Region
IC, COLLECTOR CURRENT (AMPS)
0.2
0.3
0.6
2.0 3.0 4.0
6.0
0.8
0.4
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
2.0
10
Figure 10. “On” Voltages
IB, BASE CURRENT (mA)
0
20
30
50
100
200 300
500
1000
1.6
1.2
0.8
0.4
IC = 1.0 A
TJ = 25°C
2.5 A
5.0 A
300
70
TJ = 150°C
25
°C
-55
°C
VCE = 2.0 V
+2.5
0.06
Figure 11. Temperature Coefficients
IC, COLLECTOR CURRENT (AMP)
0.2
0.3
0.5
1.0
3.0 0.4
0.6
+2.0
+1.5
+0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
qVB FOR VBE
*
qVC FOR VCE(sat)
*APPLIES FOR IC/IB ≤ 5.0
7.0
0.1
1.0
0.4
1.6
1.2
VBE @ VCE = 4.0 V
+1.0
2.0
0.1
200
20
4.0
+ 25
°C to + 150°C
- 55
°C to + 25°C
+ 25
°C to + 150°C
- 55
°C to + 25°C


Similar Part No. - BD244C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD244C MOSPEC-BD244C Datasheet
127Kb / 3P
   POWER TRANSISTORS(6A,65W)
logo
Inchange Semiconductor ...
BD244C ISC-BD244C Datasheet
59Kb / 3P
   Silicon PNP Power Transistors
logo
List of Unclassifed Man...
BD244C ETC2-BD244C Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Motorola, Inc
BD244C MOTOROLA-BD244C Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
logo
Savantic, Inc.
BD244C SAVANTIC-BD244C Datasheet
90Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - BD244C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com