Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLCL226M035T Datasheet(PDF) 3 Page - AVX Corporation

Part # TLCL226M035T
Description  Tantalum Solid Electrolytic Chip Capacitors Consumer Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TLCL226M035T Datasheet(HTML) 3 Page - AVX Corporation

  TLCL226M035T Datasheet HTML 1Page - AVX Corporation TLCL226M035T Datasheet HTML 2Page - AVX Corporation TLCL226M035T Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
14
TLC Series
Tantalum Solid Electrolytic Chip Capacitors
Consumer Series
RATINGS & PART NUMBER REFERENCE
# Refer to packaging suffix table for options.
Developmental Ratings - subject to change.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are
measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at
rated voltage after 5 minutes.
Capacitance
Voltage Rating DC (V
R) to 40°C
μF
Code
2.0V
3.0V
4.0V
6.3V
10V
16V
20V
25V
35V
0.33
334
JL
0.47
474
K
0.68
684
1.0
105
JJ
LR
1.5
155
2.2
225
J/K
JL/H
H/R
3.3
335
L
4.7
475
K
U/K
J
6.8
685
K
K
U
10
106
K
J/K/Z
J/K/Z
J/UV
R
15
156
L/H
22
226
J
J
L
L/M
33
336
L
L/H
H
47
476
L
L
H/L
H
R/Q/C
68
686
R
R
R/A
100
107
H
C/H/Q
RT
150
157
220
227
RS
A/T
330
337
470
477
A
680
687
Developmental Ratings - subject to change
CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE
(LETTER DENOTES CASE SIZE)
NOTE: AVX reserves the right to supply a higher voltage rating or tighter
tolerance part in the same case size, to the same reliability standards.
Rated
DCL
ESR
AVX
EIA
EIA
Case
Cap
Voltage
(μA)
Max. (
Ω)
Part No.
Code
Metric
Size
(μF)
(V)
Max.
@100kHz
TLCL476M002#
0603 1608-10
L
47
2.0
0.9
7.5
TLCR227M002# 0805 2012-15
R
220
2.0
4.4
5.0
TLCA477M002# 1206 3216-18
A
470
2.0
9.4
1.0
TLCK685M003# 0402 1005-07
K
6.8
3.0
0.5
15
TLCK106M003# 0402 1005-07
K
10
3.0
0.5
15
TLCJ226M003#
0603 1608-08
J
22
3.0
0.7
7.5
TLCL476M003#
0603 1608-10
L
47
3.0
1.4
7.5
TLCH107M003# 0805 2012-10
H
100
3.0
3.0
5
TLCS227M003# 1206 3216-12
S
220
3.0
6.6
2
TLCK475M004# 0402 1005-07
K
4.7
4.0
0.5
15
TLCK685M004# 0402 1005-07
K
6.8
4.0
0.5
15
TLCJ106M004#
0603 1608-08
J
10
4.0
0.5
7.5
TLCK106M004# 0402 1005-07
K
10
4.0
0.5
15
TLCZ106M004# 0602 1605-07
Z
10
4.0
0.5
15
TLCJ226M004#
0603 1608-08
J
22
4.0
0.9
7.5
TLCL336M004#
0603 1608-10
L
33
4.0
1.3
7.5
TLCH476M004# 0805 2012-10
H
47
4.0
1.9
5
TLCL476M004#
0603 1608-10
L
47
4.0
1.9
7.5
TLCR686M004# 0805 2012-15
R
68
4.0
2.7
5
TLCH107M004# 0805 2012-10
H
100
4.0
4.0
5
TLCC107M004# 1205 3216-10
C
100
4.0
4.0
2.0
TLCQ107M004# 0805 2012-12
Q
100
4.0
4.0
5
TLCA227M004# 1206 3216-18
A
220
4.0
8.8
1.0
TLCT227M004#
1210 3528-12
T
220
4.0
8.8
1
TLCK475M006# 0402 1005-07
K
4.7
6.3
0.5
15
TLCU475M006# 0805 2012-06
U
4.7
6.3
0.5
5
TLCJ106M006#
0603 1608-08
J
10
6.3
0.6
7.5
TLCK106M006
0402 1005-07
K
10
6.3
0.6
15
TLCZ106M006# 0602 1605-07
Z
10
6.3
0.6
15
TLCL226M006#
0603 1608-10
L
22
6.3
1.4
7.5
TLCH336M006# 0805 2012-10
H
33
6.3
2.0
5
TLCL336M006#
0603 1608-10
L
33
6.3
2.1
7.5
TLCH476M006# 0805 2012-10
H
47
6.3
3.0
5
TLCR686M006# 0805 2012-15
R
68
6.3
4.3
5
TLCR107M006# 0805 2012-15
R
100
6.3
6.0
5
TLCJ225M010#
0603 1608-08
J
2.2
10
0.5
7.5
Rated
DCL
ESR
AVX
EIA
EIA
Case
Cap
Voltage
(μA)
Max. (
Ω)
Part No.
Code
Metric
Size
(μF)
(V)
Max.
@100kHz
TLCK225M010# 0402 1005-07
K
2.2
10
0.5
15
TLCJ475M010#
0603 1608-08
J
4.7
10
0.5
7.5
TLCU685M010# 0805 2012-06
U
6.8
10
0.7
5
TLCJ106M010#
0603 1608-08
J
10
10
1.0
7.5
TLCU106M010# 0805 2012-06
U
10
10
1.0
5
TLCL156M010#
0603 1608-08
L
15
10
1.5
7.5
TLCH156M010# 0805 2012-10
H
15
10
1.5
5
TLCL226M010#
0603 1608-10
L
22
10
2.2
7.5
TLCM226M010# 0803 2008-10
M
22
10
2.2
7.5
TLCH336M010# 0805 2012-10
H
33
10
3.3
5
TLCC476M010# 1205 3216-10
C
47
10
4.7
2
TLCQ476M010# 0805 2012-12
Q
47
10
4.7
5
TLCR476M010# 0805 2012-15
R
47
10
4.7
5
TLCA686M010# 1206 3216-18
A
68
10
6.8
1
TLCR686M010# 0805 2012-15
R
68
10
6.8
5
TLCT107M010#
1210 3528-12
T
100
10
10
1
TLCJ334*016#
0603 1608-08
J
0.33
16
0.5
7.5
TLCK474M016# 0402 1005-07
K
0.47
16
0.5
15
TLCJ105M016#
0603 1608-08
J
1.0
16
0.5
7.5
TLCJ225M016#
0603 1608-08
J
2.2
16
0.5
7.5
TLCL335M016#
0603 1608-10
L
3.3
16
0.5
7.5
TLCV106M016# 1206 1206-08
V
10
16
1.6
2
TLCJ105M020#
0603 1608-08
J
1.0
20
0.5
7.5
TLCH225M020# 0805 2012-10
H
2.2
20
0.5
5
TLCL225M020#
0603 1608-10
L
2.2
20
0.5
7.5
TLCR106M020# 0805 2012-15
R
10
20
2.0
5
TLCL334*025#
0603 1608-10
L
0.33
25
0.5
7.5
TLCL105M025#
0603 1608-10
L
1.0
25
0.5
7.5
TLCR225M025# 0805 2012-15
R
2.2
25
0.6
5
TLCH225M025# 0805 2012-10
H
2.2
25
0.6
5
TLCR105M035# 0805 2012-15
R
1.0
35
0.5
5


Similar Part No. - TLCL226M035T

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLCL226M006TA AVX-TLCL226M006TA Datasheet
205Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCL226M006XTA AVX-TLCL226M006XTA Datasheet
205Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCL226M010TA AVX-TLCL226M010TA Datasheet
205Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
More results

Similar Description - TLCL226M035T

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLCR476M010XTA AVX-TLCR476M010XTA Datasheet
132Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLC-230666 AVX-TLC-230666 Datasheet
146Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCL226M006XTA AVX-TLCL226M006XTA Datasheet
205Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLJP476M006R2500 AVX-TLJP476M006R2500 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M010R1400 AVX-TLJA107M010R1400 Datasheet
227Kb / 5P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJB227M006R0500 AVX-TLJB227M006R0500 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA476M010R0600 AVX-TLJA476M010R0600 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJW157M010R0200 AVX-TLJW157M010R0200 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M006R0800 AVX-TLJA107M006R0800 Datasheet
111Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TCJB227M004R0070 AVX-TCJB227M004R0070 Datasheet
198Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com