Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMA121A Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # HMA121A
Description  FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HMA121A Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button HMA121A Datasheet HTML 2Page - Fairchild Semiconductor HMA121A Datasheet HTML 3Page - Fairchild Semiconductor HMA121A Datasheet HTML 4Page - Fairchild Semiconductor HMA121A Datasheet HTML 5Page - Fairchild Semiconductor HMA121A Datasheet HTML 6Page - Fairchild Semiconductor HMA121A Datasheet HTML 7Page - Fairchild Semiconductor HMA121A Datasheet HTML 8Page - Fairchild Semiconductor HMA121A Datasheet HTML 9Page - Fairchild Semiconductor HMA121A Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
FULL PITCH MINI-FLAT PACKAGE
4-PIN OPTOCOUPLERS
11/12/03
Page 8 of 10
© 2003 Fairchild Semiconductor Corporation
HMA121 Series
HMA124
HMA2701 Series
HMAA2705
D
D
W
K
t
d
1
0
P
P
A
P
0
B
0
0
2
E
F
W
1
0
R1
Reel Diameter
R2
Devices Per Reel
Max. Component Rotation or Tilt
Cover Tape Thickness
Cover Tape Width
Pocket Hole Dia.
Pocket Dimension
Pocket Location
Sprocket Hole Location
Sprocket Hole Dia.
Sprocket Hole Pitch
Tape Thickness
Pocket Pitch
Tape Width
Symbol
Description
R1
R2
B
d
W1
D
K0
1
0
E
A
P
0
P
F
2
D
P
0
0
t
W
178 mm (7")
330 mm (13")
Dimensions (mm)
12.00±0.4
7.30±0.20
20˚ max
500
1.55±0.20
2.30±0.20
0.065±0.02
9.20
1.75±0.20
8.00±0.20
2.00±0.20
5.50±0.20
4.40±0.20
1.55±0.20
4.00±0.20
0.30±0.20
2.54 Pitch
2500


Similar Part No. - HMA121A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HMA0207 VISHAY-HMA0207 Datasheet
115Kb / 2P
   Metal Film Resistors, Power Type, Miniature
Revision 02-Aug-02
logo
Littelfuse
HMA251-73 LITTELFUSE-HMA251-73 Datasheet
455Kb / 4P
   H/I-Series
HMA251-78 LITTELFUSE-HMA251-78 Datasheet
455Kb / 4P
   H/I-Series
HMA271-73 LITTELFUSE-HMA271-73 Datasheet
455Kb / 4P
   H/I-Series
HMA271-78 LITTELFUSE-HMA271-78 Datasheet
455Kb / 4P
   H/I-Series
More results

Similar Description - HMA121A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM2705R2 FAIRCHILD-FODM2705R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2705R1 FAIRCHILD-FODM2705R1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124R2V FAIRCHILD-FODM124R2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121BR2 FAIRCHILD-FODM121BR2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR2V FAIRCHILD-FODM121AR2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2701R2 FAIRCHILD-FODM2701R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
HMHAA280 FAIRCHILD-HMHAA280_06 Datasheet
510Kb / 9P
   Half Pitch Mini-Flat Package 4-Pin Optocouplers
HMHAA280 FAIRCHILD-HMHAA280 Datasheet
533Kb / 9P
   HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com