Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1AF-12V Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # CM1AF-12V
Description  AUTOMOTIVE MICRO-ISO RELAY Small size: 20 mm(L)x15 mm(W)x22 mm(H)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CM1AF-12V Datasheet(HTML) 4 Page - Panasonic Semiconductor

  CM1AF-12V Datasheet HTML 1Page - Panasonic Semiconductor CM1AF-12V Datasheet HTML 2Page - Panasonic Semiconductor CM1AF-12V Datasheet HTML 3Page - Panasonic Semiconductor CM1AF-12V Datasheet HTML 4Page - Panasonic Semiconductor CM1AF-12V Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
CM
ASCTB222E 201203-T1
DIMENSIONS (mm inch)
8-(2). Electrical life test (Halogen lamp load)
Sample: CM1aF-R-12V, 6pcs.
Load: 20A 13.5V DC
Operating frequency: ON 1s, OFF 14s
Ambient temperature: Room temperature
Change of pick-up and drop-out voltage
Change of contact resistance
0
No. of operations,
× 104
Max.
Max.
Min.
Min.
2
1
4
6
8
9
7
5
3
10
05
10
Pick-up voltage
Drop-out voltage
0
No. of operations,
× 104
Max.
Min.
2
1
4
6
8
9
7
5
3
10
05
10
X
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
1. Micro-ISO Plug-in type (1 Form C)
External dimensions
Sealed by epoxy resin
86
85
87
87
30
2-1.75 dia.
3-1.5 dia.
A*
8
2.1
20
15
0.8
4.8
6.3
14
0.8
a
3.25
9
11
22
4.25
.248
.031
.433
.866
.167
2-.069 dia.
.591
.083
.354
.315
.551
3-.059 dia.
.787
.031
.128
.189
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
* Intervals between terminals is measured at A surface level.
Schematic (Bottom view)
Including resistor type also available
30
85
86
87a
87
CAD Data
2. Micro-ISO Plug-in type (1 Form A)
External dimensions
86
85
8 a
87
30
7
Sealed by epoxy resin
2-1.75 dia.
3-1.5 dia.
A*
8
2.1
20
15
0.8
4.8
6.3
14
0.8
3.25
9
11
22
4.25
2-.069 dia.
.591
.248
.031
.433
.866
.167
.083
.354
.315
.551
3-.059 dia.
.787
.189
.031
.128
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
* Intervals between terminals is measured at A surface level.
Schematic (Bottom view)
30
85
86
87
Including resistor type also available
CAD Data


Similar Part No. - CM1AF-12V

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
CM1-86DX3 ADLINK-CM1-86DX3 Datasheet
231Kb / 4P
   Extreme Rugged PC/104 Single Board Computer
CM1-BT1 ADLINK-CM1-BT1 Datasheet
317Kb / 4P
   Extreme Rugged PC/104 Single Board Computer
logo
Clare, Inc.
CM10 CLARE-CM10 Datasheet
319Kb / 4P
   Molded Mini-DYAD
logo
Chicago Miniature Lamp,...
CM10 CML-CM10 Datasheet
227Kb / 1P
   G-3 1/2 Miniature 2 Pin Base
logo
Bourns Electronic Solut...
CM10 BOURNS-CM10 Datasheet
419Kb / 7P
   SMT Chip Inductors
More results

Similar Description - CM1AF-12V

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-C171KRTGTB EHAOAN-EH-C171KRTGTB Datasheet
685Kb / 8P
   Dimension( L/W/H) : 2.0x1.25x0.8 mm
logo
Murata Manufacturing Co...
TZC3R100A110B00 MURATA1-TZC3R100A110B00_V01 Datasheet
268Kb / 3P
   Small size with external dimension of 3.2(W)x4.5(L)x1.6(H)mm.
Last updated06/17/2022
TZC3R100A110R00 MURATA1-TZC3R100A110R00_V01 Datasheet
267Kb / 3P
   Small size with external dimension of 3.2(W)x4.5(L)x1.6(H)mm
Last updated06/17/2022
TZV2Z060A110B00 MURATA1-TZV2Z060A110B00_V01 Datasheet
270Kb / 3P
   Small size with external dimensions of 2.3(W)x3.2(L)x1.45max.(H)mm.
Last updated06/17/2022
TZV2Z060A110R00 MURATA1-TZV2Z060A110R00_V01 Datasheet
270Kb / 3P
   Small size with external dimensions of 2.3(W)x3.2(L)x1.45max.(H)mm.
Last updated06/17/2022
TZV2Z100A110R00 MURATA1-TZV2Z100A110R00_V01 Datasheet
271Kb / 3P
   Small size with external dimensions of 2.3(W)x3.2(L)x1.45max.(H)mm.
Last updated06/17/2022
TZV2Z2R5A110B00 MURATA1-TZV2Z2R5A110B00_V01 Datasheet
272Kb / 3P
   Small size with external dimensions of 2.3(W)x3.2(L)x1.45max.(H)mm.
Last updated06/17/2022
TZC3Z060A110R00 MURATA1-TZC3Z060A110R00_V01 Datasheet
265Kb / 3P
   Small size with external dimension of 3.2(W)x4.5(L)x1.6(H)mm
Last updated06/17/2022
TZC3P200A110R00 MURATA1-TZC3P200A110R00_V01 Datasheet
267Kb / 3P
   Small size with external dimension of 3.2(W)x4.5(L)x1.6(H)mm.
Last updated06/17/2022
TZC3P300A110B00 MURATA1-TZC3P300A110B00_V01 Datasheet
249Kb / 3P
   Small size with external dimension of 3.2(W)x4.5(L)x1.6(H)mm.
Last updated06/17/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com