Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1F-12V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # CM1F-12V
Description  AUTOMOTIVE MICRO-ISO RELAY Small size: 20 mm(L)x15 mm(W)x22 mm(H)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CM1F-12V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  CM1F-12V Datasheet HTML 1Page - Panasonic Semiconductor CM1F-12V Datasheet HTML 2Page - Panasonic Semiconductor CM1F-12V Datasheet HTML 3Page - Panasonic Semiconductor CM1F-12V Datasheet HTML 4Page - Panasonic Semiconductor CM1F-12V Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
CM
ASCTB222E 201203-T1
RATING
1. Coil data
2. Specifications
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. The upper operation ambient temperature limit is the maximum temperature that can satisfy the coil temperature rise value. Please refer to “Usage ambient
condition” in CAUTIONS FOR USE OF AUTOMOTIVE RELAYS.
*3. Please inquire if you will be using the relay in a high temperature atmosphere.
REFERENCE DATA
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Usable voltage range
12 V DC
3 to 7 V DC
1.2 to 4.2 V DC
125 mA
96
1.5 W
10 to 16V DC
24 V DC
6 to 14 V DC
2.4 to 8.4 V DC
75 mA
320
1.8 W
20 to 32V DC
Characteristics
Item
Specifications
12 V DC
24 V DC
Contact
Arrangement
1 Form A
1 Form C
1 Form A
1 Form C
Contact resistance (Initial)
Typ 2m
Ω (By voltage drop 6V DC 1A)
Contact voltage drop
(after electrical life test)
N.O.: Max. 0.5 V
(By voltage drop
14 V DC 35 A)
N.O.: Max. 0.5 V
(By voltage drop
14 V DC 35 A)
N.C.: Max. 0.3 V
(By voltage drop
14 V DC 20 A)
N.O.: Max. 0.3 V
(By voltage drop
28 V DC 15 A)
N.O.: Max. 0.3 V
(By voltage drop
28 V DC 15 A)
N.C.: Max. 0.2 V
(By voltage drop
28 V DC 8 A)
Contact material
Ag alloy (Cadmium free)
Rating
Nominal switching capacity (resistive load)
N.O.: 35 A 14V DC
N.O.: 35 A 14V DC
N.C.: 20 A 14V DC
N.O.: 15 A 28V DC
N.O.: 15 A 28V DC
N.C.: 8 A 28V DC
Max. carrying current
(at 85
°C 185°F, continuous)
N.O.: 20 A 14V DC
N.O.: 20 A 14V DC
N.C.: 10 A 14V DC
N.O.: 15 A 28V DC
N.O.: 15 A 28V DC
N.C.: 8 A 28V DC
Nominal operating power
1.5 W, 1.7 W (with resistor inside type)
1.8 W, 2.0 W (with resistor inside type)
Min. switching capacity (resistive load)*1
1 A 12V DC
1 A 24V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 20 M
Ω (at 500V DC, Measurement at same location as “Breakdown voltage” section.)
Breakdown voltage
(Initial)
Between open contacts
500 Vrms for 1 min. (Detection current: 10mA)
Between contacts and coil
500 Vrms for 1 min. (Detection current: 10mA)
Operate time (at nominal voltage)
(at 20
°C 68°F)
Max. 10ms (excluding contact bounce time) (Initial)
Release time (at nominal voltage)
(at 20
°C 68°F)
Max. 10ms (excluding contact bounce time) (Initial)
Mechanical
characteristics
Shock resistance
Functional
Min. 200 m/s2 {20G} (Half-wave pulse of sine wave: 11ms; detection time: 10
µs)
Destructive
Min. 1,000 m/s2 {100G} (Half-wave pulse of sine wave: 6ms)
Vibration resistance
Functional
10 Hz to 500 Hz, Min. 44.1 m/s2 {4.5G}
Destructive
10 Hz to 2,000 Hz, Min. 44.1 m/s2 {4.5G},
Time of vibration for each direction; X, Y, Z direction: 4 hours
Expected life
Mechanical (at 120 cpm)
Min. 106
Electrical (operating frequency: 2s ON, 2s OFF)
Flux-resistant type: Min. 105, Sealed type: Min. 5
× 104
Conditions
Conditions for operation, transport and storage*2
Ambient temperature: –40
°C to +85°C –40°F to +185°F*3,
Humidity: 5% R.H. to 85% R.H. (Not freezing and condensing at low temperature),
Air pressure: 86 to 106 kPa
Mass
Approx. 20 g .71 oz
1-(1). Coil temperature rise (12V type)
Sample: CM1F-12V, 3 pcs.
Measured portion: Inside the coil
Contact carrying current: 20A, 35A
Ambient temperature: 85
°C 185°F
1-(2). Coil temperature rise (24V type)
Sample: CM1F-24V, 4 pcs.
Measured portion: Inside the coil
Contact carrying current: 0A, 15A
Ambient temperature: 85
°C 185°F
2. Max. switching capability (Resistive load,
initial)
12
14
16
120
100
80
60
40
20
0
35A
20A
Coil applied voltage, V
24
28
32
120
100
80
60
40
20
0
15A
0A
Coil applied voltage, V
0
Switching current, A
60
50
40
30
20
10
010
20
304050
(N.O. side Room temperature)
24V type
12V type


Similar Part No. - CM1F-12V

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
CM1-86DX3 ADLINK-CM1-86DX3 Datasheet
231Kb / 4P
   Extreme Rugged PC/104 Single Board Computer
CM1-BT1 ADLINK-CM1-BT1 Datasheet
317Kb / 4P
   Extreme Rugged PC/104 Single Board Computer
logo
Clare, Inc.
CM10 CLARE-CM10 Datasheet
319Kb / 4P
   Molded Mini-DYAD
logo
Chicago Miniature Lamp,...
CM10 CML-CM10 Datasheet
227Kb / 1P
   G-3 1/2 Miniature 2 Pin Base
logo
Bourns Electronic Solut...
CM10 BOURNS-CM10 Datasheet
419Kb / 7P
   SMT Chip Inductors
More results

Similar Description - CM1F-12V

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-C171KRTGTB EHAOAN-EH-C171KRTGTB Datasheet
685Kb / 8P
   Dimension( L/W/H) : 2.0x1.25x0.8 mm
logo
Murata Manufacturing Co...
TZC3R100A110B00 MURATA1-TZC3R100A110B00_V01 Datasheet
268Kb / 3P
   Small size with external dimension of 3.2(W)x4.5(L)x1.6(H)mm.
Last updated06/17/2022
TZC3R100A110R00 MURATA1-TZC3R100A110R00_V01 Datasheet
267Kb / 3P
   Small size with external dimension of 3.2(W)x4.5(L)x1.6(H)mm
Last updated06/17/2022
TZV2Z060A110B00 MURATA1-TZV2Z060A110B00_V01 Datasheet
270Kb / 3P
   Small size with external dimensions of 2.3(W)x3.2(L)x1.45max.(H)mm.
Last updated06/17/2022
TZV2Z060A110R00 MURATA1-TZV2Z060A110R00_V01 Datasheet
270Kb / 3P
   Small size with external dimensions of 2.3(W)x3.2(L)x1.45max.(H)mm.
Last updated06/17/2022
TZV2Z100A110R00 MURATA1-TZV2Z100A110R00_V01 Datasheet
271Kb / 3P
   Small size with external dimensions of 2.3(W)x3.2(L)x1.45max.(H)mm.
Last updated06/17/2022
TZV2Z2R5A110B00 MURATA1-TZV2Z2R5A110B00_V01 Datasheet
272Kb / 3P
   Small size with external dimensions of 2.3(W)x3.2(L)x1.45max.(H)mm.
Last updated06/17/2022
TZC3Z060A110R00 MURATA1-TZC3Z060A110R00_V01 Datasheet
265Kb / 3P
   Small size with external dimension of 3.2(W)x4.5(L)x1.6(H)mm
Last updated06/17/2022
TZC3P200A110R00 MURATA1-TZC3P200A110R00_V01 Datasheet
267Kb / 3P
   Small size with external dimension of 3.2(W)x4.5(L)x1.6(H)mm.
Last updated06/17/2022
TZC3P300A110B00 MURATA1-TZC3P300A110B00_V01 Datasheet
249Kb / 3P
   Small size with external dimension of 3.2(W)x4.5(L)x1.6(H)mm.
Last updated06/17/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com