Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUFA75831SK8 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # HUFA75831SK8
Description  3A, 150V, 0.095 Ohm, N-Channel, UltraFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75831SK8 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button HUFA75831SK8 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75831SK8 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75831SK8 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75831SK8 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75831SK8 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75831SK8 Datasheet HTML 7Page - Fairchild Semiconductor HUFA75831SK8 Datasheet HTML 8Page - Fairchild Semiconductor HUFA75831SK8 Datasheet HTML 9Page - Fairchild Semiconductor HUFA75831SK8 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75831SK8 Rev. B
Thermal Resistance vs Mounting Pad Area
The maximum rated junction temperature, TJM, and the
thermal resistance of the heat dissipating path determines the
maximum allowable device power dissipation, PDM, in an
application. Therefore the application’s ambient temperature,
TA (
oC), and thermal resistance RθJA (oC/W) must be reviewed
to ensure that TJM is never exceeded. Equation 1
mathematically represents the relationship and serves as the
basis for establishing the rating of the par t.
In using surface mount devices such as the SOP-8 package,
the environment in which it is applied will have a significant
influence on the part’s current and maximum power
dissipation ratings. Precise determination of PDM is complex
and influenced by many factors:
1. Mounting pad area onto which the device is attached and
whether there is copper on one side or both sides of the
board.
2. The number of copper layers and the thickness of the board.
3. The use of external heat sinks.
4. The use of thermal vias.
5. Air flow and board orientation.
6. For non steady state applications, the pulse width, the
duty cycle and the transient thermal response of the part,
the board and the environment they are in.
Fairchild provides thermal information to assist the
designer’s preliminary application evaluation. Figure 20
defines the RθJA for the device as a function of the top
FIGURE 16. GATE CHARGE TEST CIRCUIT
FIGURE 17. GATE CHARGE WAVEFORMS
FIGURE 18. SWITCHING TIME TEST CIRCUIT
FIGURE 19. SWITCHING TIME WAVEFORM
Test Circuits and Waveforms (Continued)
RL
VGS
+
-
VDS
VDD
DUT
Ig(REF)
VDD
Qg(TH)
VGS = 2V
Qg(10)
VGS = 10V
Qg(TOT)
VGS = 20V
VDS
VGS
Ig(REF)
0
0
Qgs
Qgd
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
(EQ. 1)
P
DM
T
JM
T
A
()
ZθJA
-------------------------------
=
HUFA75831SK8


Similar Part No. - HUFA75831SK8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75823D3 FAIRCHILD-HUFA75823D3 Datasheet
212Kb / 10P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75823D3S FAIRCHILD-HUFA75823D3S Datasheet
212Kb / 10P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75829D3 FAIRCHILD-HUFA75829D3 Datasheet
192Kb / 10P
   18A, 150V, 0.110 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75829D3S FAIRCHILD-HUFA75829D3S Datasheet
192Kb / 10P
   18A, 150V, 0.110 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75842P3 FAIRCHILD-HUFA75842P3 Datasheet
198Kb / 10P
   43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
More results

Similar Description - HUFA75831SK8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75831SK8 FAIRCHILD-HUF75831SK8 Datasheet
250Kb / 11P
   3A, 150V, 0.095 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75831SK8 INTERSIL-HUF75831SK8 Datasheet
182Kb / 12P
   3A, 150V, 0.095 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75842P3 FAIRCHILD-HUF75842P3 Datasheet
197Kb / 10P
   43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75842P3 FAIRCHILD-HUFA75842P3 Datasheet
198Kb / 10P
   43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75829D3 INTERSIL-HUF75829D3 Datasheet
122Kb / 9P
   18A, 150V, 0.110 Ohm, N-Channel, UltraFET Power MOSFET
HUF75823D3 INTERSIL-HUF75823D3 Datasheet
186Kb / 11P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75823D3 FAIRCHILD-HUF75823D3 Datasheet
211Kb / 10P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75823D3 FAIRCHILD-HUFA75823D3 Datasheet
212Kb / 10P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75852G3 FAIRCHILD-HUFA75852G3 Datasheet
193Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75852G3 INTERSIL-HUF75852G3 Datasheet
129Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com