Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIPS1031RTRL Datasheet(PDF) 3 Page - International Rectifier

Part # AUIPS1031RTRL
Description  INTELLIGENT POWER LOW SIDE SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS1031RTRL Datasheet(HTML) 3 Page - International Rectifier

  AUIPS1031RTRL Datasheet HTML 1Page - International Rectifier AUIPS1031RTRL Datasheet HTML 2Page - International Rectifier AUIPS1031RTRL Datasheet HTML 3Page - International Rectifier AUIPS1031RTRL Datasheet HTML 4Page - International Rectifier AUIPS1031RTRL Datasheet HTML 5Page - International Rectifier AUIPS1031RTRL Datasheet HTML 6Page - International Rectifier AUIPS1031RTRL Datasheet HTML 7Page - International Rectifier AUIPS1031RTRL Datasheet HTML 8Page - International Rectifier AUIPS1031RTRL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AUIPS1031(S)(R)
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. (Tj= -40°C..150°C,
Vcc=6..36V unless otherwise specified).
Symbol
Parameter
Min.
Max.
Units
Vds
Maximum drain to source voltage
-0.3
36
V
Vds cont.
Maximum continuous drain to source voltage
-
28
V
Vin
Maximum input voltage
-0.3
6
V
Isd cont.
Max. diode continuous current (limited by thermal dissipation)
4
A
Maximum power dissipation (internally limited by thermal protection)
Rth=5°C/W AUIPS1031
25
Rth=40°C/W AUIPS1031S 1” sqr.
Footprint
3.1
W
Pd
Rth=50C/W AUIPS1031R 1” sqr. footprint
2.5
Tj max.
Max. storage & operating temperature junction temperature
-40
150
°C
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Units
Rth1
Thermal resistance junction to ambient AUIPS1031 TO-220 free air
50
Rth2
Thermal resistance junction to case AUIPS1031 TO-220
3.9
Rth1
Thermal resistance junction to ambient AUIPS1031S D²Pak std. footprint
60
Rth2
Thermal resistance junction to ambient AUIPS1031S D²Pak 1” sqr. footprint
40
Rth3
Thermal resistance junction to case AUIPS1031S D²Pak
3.9
Rth1
Thermal resistance junction to ambient AUIPS1031R D-Pak std. footprint
70
Rth2
Thermal resistance junction to ambient AUIPS1031R D-Pak 1” sqr.
Footprint
50
Rth3
Thermal resistance junction to case AUIPS1031R D-Pak
3.9
°C/W
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol
Parameter
Min.
Max.
Units
VIH
High level input voltage
4.5
5.5
VIL
Low level input voltage
0
0.5
Continuous drain current, Tambient=85°C, Tj=125°C, Vin=5V
Rth=5°C/W AUIPS1031
9.5
Rth=40°C/W AUIPS1031S 1” sqr. footprint
3.3
Ids
Rth=50C/W AUIPS1031R 1” sqr. footprint
3
A
Rin
Recommended resistor in series with IN pin to generate a diagnostic
0.5
10
k
Max L
Max recommended load inductance (including line inductance) (1)
50
µH
Max F
Max. frequency (switching losses = conduction losses)
1.5
kHz
Max. t rise
Max. input rising time
1
µs
(1) Higher inductance is possible if maximum load current is limited - see figure 11
www.irf.com
3


Similar Part No. - AUIPS1031RTRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS1031 IRF-AUIPS1031 Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
More results

Similar Description - AUIPS1031RTRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1011 IRF-IPS1011 Datasheet
196Kb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1021S IRF-AUIPS1021S Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS2051L INFINEON-AUIPS2051L Datasheet
773Kb / 16P
   INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
logo
International Rectifier
IPS2041RPBF IRF-IPS2041RPBF Datasheet
1Mb / 12P
   INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS1025R INFINEON-AUIPS1025R Datasheet
449Kb / 15P
   INTELLIGENT POWER LOW SIDE SWITCH
Rev 1.1 2016-3-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com