Electronic Components Datasheet Search |
|
DEJE3E2102KB3A Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd. |
|
DEJE3E2102KB3A Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd. |
9 / 83 page C85E.pdf Jul.13,2011 7 2 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. Safety Standard Certified Ceramic Capacitors Type KH (Basic Insulation) -IEC60384-14 Class X1, Y2- s Features 1. Operating temperature range guaranteed up to 125 degrees (UL: 85 deg.). 2. Dielectric strength: AC2600V 3. Class X1/Y2 capacitors certified by UL/CSA/VDE/BSI/SEMKO/DEMKO/FIMKO/NEMKO/ESTI/ NSW. 4. Coated with flame-retardant epoxy resin (conforming to UL94V-0 standard). Please contact us when a halogen-free product* is necessary. * Cl=900ppm max., Br=900ppm max. and Cl+Br=1500ppm max. 5. Taping available for automatic insertion. s Applications Ideal for use as X/Y capacitors for AC line filters and primary-secondary coupling on switching power supplies and AC adapters. Do not use these products in any automotive power train or safety equipment including battery chargers for electric vehicles and plug-in hybrids. Only Murata products clearly stipulated as "for Automotive use" on its catalog can be used for automobile applications such as power train and safety equipment. ød F ±1.0 (in mm) D max. e T max. Lead Code Coating Extension e A3 Up to the end of crimp ød 0.6 ±0.05 [Bulk] Vertical Crimp Long (A3) ød F ±0.8 D max. e T max. (in mm) Lead Code Coating Extension e B3 Up to the end of crimp ød 0.6 ±0.05 [Bulk] Vertical Crimp Short (B3) s Standard Certification Standard No. Rated Voltage Certified No. UL CSA VDE BSI SEMKO DEMKO FIMKO NEMKO ESTI NSW E37921 1343805 40002796 KM 37901 812163 314578 24195 P08209182 08.0708 6529 AC250V(r.m.s.) UL1414 CSA E60384-14 IEC 60384-14 EN 60384-14 EN 60065 (8.8, 14.2) IEC 60384-14 EN 60384-14 IEC 60384-14 EN 60384-14 IEC 60384-14 AS3250 • The certification number might change due to revision of the application standard and changes in the range of acquisition. • Please contact us when the certification of Chinese Safety Standard or South Korean Safety Standard is necessary. s Marking q Type Designation w Nominal Capacitance (Marked with 3 figures) e Capacitance Tolerance r Company Name Code : Made in Taiwan : Made in Thailand t Manufactured Date Code UL Approval Mark CSA Approval Mark VDE Approval Mark BSI Approval Mark SEMKO Approval Mark DEMKO Approval Mark FIMKO Approval Mark NEMKO Approval Mark ESTI Approval Mark Class Code Rated Voltage Mark KH BSI X1Y2 250~ FI N D KH472M X1Y2 BSI q w e r t 8 16 MJ502 250~ Example Item FI N MJ502 8 15 D |
Similar Part No. - DEJE3E2102KB3A |
|
Similar Description - DEJE3E2102KB3A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |