Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUFA75842S3S Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # HUFA75842S3S
Description  43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75842S3S Datasheet(HTML) 2 Page - Fairchild Semiconductor

  HUFA75842S3S Datasheet HTML 1Page - Fairchild Semiconductor HUFA75842S3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA75842S3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA75842S3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA75842S3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA75842S3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA75842S3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA75842S3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA75842S3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75842P3, HUFA75842S3S Rev. B
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OFF STATE SPECIFICATIONS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 11)
150
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = 140V, VGS = 0V
-
-
1
µA
VDS = 135V, VGS = 0V, TC = 150
oC
-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
±100
nA
ON STATE SPECIFICATIONS
Gate to Source Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 10)
2
-
4
V
Drain to Source On Resistance
rDS(ON)
ID = 43A, VGS = 10V (Figure 9)
-
0.035
0.042
THERMAL SPECIFICATIONS
Thermal Resistance Junction to Case
RθJC
TO-220, TO-263
-
-
0.65
oC/W
Thermal Resistance Junction to
Ambient
RθJA
--
62
oC/W
SWITCHING SPECIFICATIONS (VGS = 10V)
Turn-On Time
tON
VDD = 75V, ID = 43A
VGS = 10V,
RGS = 3.9Ω
(Figures 18, 19)
-
-
100
ns
Turn-On Delay Time
td(ON)
-13-
ns
Rise Time
tr
-53-
ns
Turn-Off Delay Time
td(OFF)
-47-
ns
Fall Time
tf
-
34
-
ns
Turn-Off Time
tOFF
-
-
120
ns
GATE CHARGE SPECIFICATIONS
Total Gate Charge
Qg(TOT)
VGS = 0V to 20V
VDD = 75V,
ID = 43A,
Ig(REF) = 1.0mA
(Figures 13, 16, 17)
-
144
175
nC
Gate Charge at 10V
Qg(10)
VGS = 0V to 10V
-
77
90
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 2V
-
5.6
6.7
nC
Gate to Source Gate Charge
Qgs
-12-
nC
Gate to Drain "Miller" Charge
Qgd
-30-
nC
CAPACITANCE SPECIFICATIONS
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
(Figure 12)
-
2730
-
pF
Output Capacitance
COSS
-
660
-
pF
Reverse Transfer Capacitance
CRSS
-
230
-
pF
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 43A
-
-
1.25
V
ISD = 22A
-
-
1.00
V
Reverse Recovery Time
trr
ISD = 43A, dISD/dt = 100A/µs
-
-
190
ns
Reverse Recovered Charge
QRR
ISD = 43A, dISD/dt = 100A/µs-
-
1.08
µC
HUFA75842P3, HUFA75842S3SS


Similar Part No. - HUFA75842S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75823D3 FAIRCHILD-HUFA75823D3 Datasheet
212Kb / 10P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75823D3S FAIRCHILD-HUFA75823D3S Datasheet
212Kb / 10P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75829D3 FAIRCHILD-HUFA75829D3 Datasheet
192Kb / 10P
   18A, 150V, 0.110 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75829D3S FAIRCHILD-HUFA75829D3S Datasheet
192Kb / 10P
   18A, 150V, 0.110 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75831SK8 FAIRCHILD-HUFA75831SK8 Datasheet
250Kb / 11P
   3A, 150V, 0.095 Ohm, N-Channel, UltraFET Power MOSFET
More results

Similar Description - HUFA75842S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75842P3 FAIRCHILD-HUF75842P3 Datasheet
197Kb / 10P
   43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75842P3 INTERSIL-HUF75842P3 Datasheet
123Kb / 9P
   43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
HUF75829D3 INTERSIL-HUF75829D3 Datasheet
122Kb / 9P
   18A, 150V, 0.110 Ohm, N-Channel, UltraFET Power MOSFET
HUF75823D3 INTERSIL-HUF75823D3 Datasheet
186Kb / 11P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75823D3 FAIRCHILD-HUF75823D3 Datasheet
211Kb / 10P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
HUF75831SK8 FAIRCHILD-HUF75831SK8 Datasheet
250Kb / 11P
   3A, 150V, 0.095 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75823D3 FAIRCHILD-HUFA75823D3 Datasheet
212Kb / 10P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75852G3 FAIRCHILD-HUFA75852G3 Datasheet
193Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75831SK8 INTERSIL-HUF75831SK8 Datasheet
182Kb / 12P
   3A, 150V, 0.095 Ohm, N-Channel, UltraFET Power MOSFET
HUF75852G3 INTERSIL-HUF75852G3 Datasheet
129Kb / 10P
   75A, 150V, 0.016 Ohm, N-Channel, UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com