Electronic Components Datasheet Search |
|
DE11XKH102KB3A Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd. |
|
DE11XKH102KB3A Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd. |
5 / 83 page !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. C85E.pdf Jul.13,2011 3 (Part Number) High Voltage Ceramic Capacitors (500V-6.3kV) tCapacitance Expressed by three figures. The unit is pico-farad (pF). The first and second figures are significant digits, and the third figure expresses the number of zeros that follow the two numbers. oIndividual Specification Code For part number that cannot be identified without "Individual Specification," it is added at the end of part number, expressed by three-digit alphanumerics. The first three digits ( qProduct ID and wSeries Category) express "Series Name." Vertical Crimp Long Vertical Crimp Short Straight Long Straight Short Vertical Crimp Taping Straight Taping t 102 y K q DE u N2 r 3A e B3 w B i A o qProduct ID wSeries Category eTemperature Characteristics rRated Voltage Code 2H 3A 3D 3F 3J LH yCapacitance Tolerance Capacitance Tolerance Code C D J K Z T0.25pF T0.5pF T5% T10% W80%, Y20% Contents Outline Code A B C H S F Cap. Change or Temp. Coeff. Temperature Range Temperature Characteristics Rated Voltage Code B3 E3 F3 C3 R3 D3 1X 2C T10% W20%,Y55% W30%,Y80% T20% W15%,Y30% T15% W15%,Y30% W20%,Y30% W350 to Y1000ppm/D 0 T60ppm/D Y25 to W85D Y25 to W85D W85 to W125D Y25 to W85D W85 to W125D Y25 to W125D W20 to W85D W20 to W85D B E F C R D SL CH High Voltage Class 1 (Char. SL) DC1-3.15kV Rated Class 2 DC1-3.15kV Rated Class 1, 2 DC6.3kV Rated High Temperature Guaranteed, Low-dissipation Factor (Char. R, C) High Temperature Guaranteed, Low-dissipation Factor (Char. D) LCD Backlight Inverter Circuit DC500V DC1kV DC2kV DC3.15kV DC6.3kV 6.3kVp-p Product ID DE High Voltage Ceramic Capacitors (500V-6.3kV) / Safety Standard Certified Ceramic Capacitors uLead Style Lead Style Code A2 A3 A4 B2/J2 B3/J3 B4 C1 C3 C4 CD D1 D3 DD N2 N3 N7 P2 P3 Lead Spacing Pitch of Components Lead Diameter Dimensions (mm) 5 7.5 10 5 7.5 10 5 7.5 10 7.5 5 7.5 7.5 5 7.5 7.5 5 7.5 ø0.6 T0.05 ø0.6 T0.05 ø0.5 T0.05 ø0.6 T0.05 ø0.5 T0.05 ø0.5 T0.05 ø0.6 T0.05 ø0.5 T0.05 ø0.6 T0.05 ø0.6 T0.05 Y Y Y Y 12.7 15 30 12.7 15 iPackaging Packaging Code A B Ammo Pack Taping Bulk |
Similar Part No. - DE11XKH102KB3A |
|
Similar Description - DE11XKH102KB3A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |