Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4PH50UPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRG4PH50UPBF
Description  Ultra Fast Speed IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PH50UPBF Datasheet(HTML) 5 Page - International Rectifier

  IRG4PH50UPBF Datasheet HTML 1Page - International Rectifier IRG4PH50UPBF Datasheet HTML 2Page - International Rectifier IRG4PH50UPBF Datasheet HTML 3Page - International Rectifier IRG4PH50UPBF Datasheet HTML 4Page - International Rectifier IRG4PH50UPBF Datasheet HTML 5Page - International Rectifier IRG4PH50UPBF Datasheet HTML 6Page - International Rectifier IRG4PH50UPBF Datasheet HTML 7Page - International Rectifier IRG4PH50UPBF Datasheet HTML 8Page - International Rectifier IRG4PH50UPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRG4PH50UPbF
www.irf.com
5
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 10 - Typical Switching Losses vs.
Junction Temperature
0
40
80
120
160
200
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G

V
= 400V
I
= 24A
CC
C
1
10
100
0
1000
2000
3000
4000
5000
6000
7000
V
, Collector-to-Emitter Voltage (V)
CE

V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GE
ies
ge
gc ,
ce
res
gc
oes
ce
gc

Cies

Coes

Cres
0
10
20
30
40
50
RG, Gate Resistance (Ω)
0.0
1.0
2.0
3.0
4.0
5.0
VCC= 960V
VGE = 15V
TJ= 25°C
I C= 24A
-60 -40 -20 0
20 40 60 80 100 120 140 160
TJ, Junction Temperature (°C)
0.1
1
10
100
RG= 5.0Ω
VGE= 15V
VCC= 960V
IC= 48A
IC= 24A
IC= 12A


Similar Part No. - IRG4PH50UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PH50UPBF IRF-IRG4PH50UPBF Datasheet
628Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PH50UPBF IRF-IRG4PH50UPBF_15 Datasheet
628Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4PH50UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGMIC50U IRF-IRGMIC50U Datasheet
320Kb / 2P
   Ultra Fast Speed IGBT
IRG4PH40UPBF IRF-IRG4PH40UPBF Datasheet
619Kb / 9P
   Ultra Fast Speed IGBT
logo
Inchange Semiconductor ...
IRG4PH50U ISC-IRG4PH50U Datasheet
358Kb / 3P
   Ultra Fast Speed IGBT
logo
International Rectifier
IRG4BC20UPBF IRF-IRG4BC20UPBF_15 Datasheet
357Kb / 8P
   ULTRA FAST SPEED IGBT
GA200TS60U IRF-GA200TS60U Datasheet
303Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK Ultra-Fast Speed IGBT
logo
Fairchild Semiconductor
SGH80N60UF FAIRCHILD-SGH80N60UF Datasheet
557Kb / 7P
   Ultra-Fast IGBT
SGP13N60UFD FAIRCHILD-SGP13N60UFD Datasheet
595Kb / 8P
   Ultra-Fast IGBT
SGU6N60UF FAIRCHILD-SGU6N60UF Datasheet
506Kb / 7P
   Ultra-Fast IGBT
SGH23N60UFD FAIRCHILD-SGH23N60UFD Datasheet
627Kb / 7P
   Ultra-Fast IGBT
SGH40N60UFDTU FAIRCHILD-SGH40N60UFDTU Datasheet
652Kb / 8P
   Ultra-Fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com