Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-26C32RH-8 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HS9-26C32RH-8
Description  Radiation Hardened Quad Differential Line Receiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-26C32RH-8 Datasheet(HTML) 4 Page - Intersil Corporation

  HS9-26C32RH-8 Datasheet HTML 1Page - Intersil Corporation HS9-26C32RH-8 Datasheet HTML 2Page - Intersil Corporation HS9-26C32RH-8 Datasheet HTML 3Page - Intersil Corporation HS9-26C32RH-8 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HS-26C32RH, HS-26C32EH
4
FN3402.5
May 28, 2013
Die Characteristics
DIE DIMENSIONS:
78 mils x 123 mils
(1970µm x 3120µm)
INTERFACE MATERIALS:
Glassivation:
Type: SiO2
Thickness: 10k
Å ± 1kÅ
Top Metallization:
M1: Mo/Tiw
Thickness: 5800
Å
M2: Al/Si/Cu
Thickness: 5800
Å
Worst Case Current Density:
<2.0 x 105A/cm2
Bond Pad Size:
110µm x 100µm
Metallization Mask Layout
HS-26C32RH, HS-26C32EH
AIN
VDD
BIN
AIN (2)
AOUT (3)
ENAB (4)
COUT (5)
CIN (6)
(8)
(9)
(14) BIN
(13) BOUT
(12) ENAB
(11) DOUT
(10) DIN
(1)
(16)
(15)
(7)
CIN
GND
DIN


Similar Part No. - HS9-26C32RH-8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS9-26C32RH-8 RENESAS-HS9-26C32RH-8 Datasheet
411Kb / 9P
   Radiation Hardened Quad Differential Line Receivers
Oct 21, 2021
More results

Similar Description - HS9-26C32RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962F-9568901VXC INTERSIL-5962F-9568901VXC Datasheet
227Kb / 4P
   Radiation Hardened Quad Differential Line Receiver
HS-26C32RH INTERSIL-HS-26C32RH Datasheet
159Kb / 4P
   Radiation Hardened Quad Differential Line Receiver
HS-26CT32RH-T INTERSIL-HS-26CT32RH-T Datasheet
43Kb / 3P
   Radiation Hardened Quad Differential Line Receiver
HS-26CT32RH INTERSIL-HS-26CT32RH Datasheet
146Kb / 3P
   Radiation Hardened Quad Differential Line Receiver
HS-26CLV32RH INTERSIL-HS-26CLV32RH Datasheet
90Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Receiver
HS-26CLV32RH INTERSIL-HS-26CLV32RH_13 Datasheet
217Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Receiver
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26CT31RH-T INTERSIL-HS-26CT31RH-T Datasheet
33Kb / 3P
   Radiation Hardened Quad Differential Line Driver
logo
Renesas Technology Corp
HS-26C31RH RENESAS-HS-26C31RH Datasheet
444Kb / 8P
   Radiation Hardened Quad Differential Line Driver
Aug 5, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com