Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL1532IVEZ-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL1532IVEZ-T7
Description  Dual Channel Differential DSL Line Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1532IVEZ-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL1532IVEZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL1532IVEZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL1532IVEZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL1532IVEZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL1532IVEZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL1532IVEZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL1532IVEZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL1532IVEZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL1532IVEZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
FN6173.3
December 4, 2006
Absolute Maximum Ratings (TA = +25°C)
VS+ to VS- Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . -0.3V to 30V
VS+ Voltage to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 30V
VS- Voltage to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30V to 0.3V
Driver VIN+ Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VS- to VS+
C0, C1 Voltage to GND . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V
IADJ Voltage to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 4V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7). . . . . . . 3kV
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . . . .250V
Current into any Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8mA
Output Current from Driver (Static) . . . . . . . . . . . . . . . . . . . . . 50mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Temperature Range . . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . -40°C to +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the
specified temperature and are pulsed tests, therefore: TJ = TC = TA.
Electrical Specifications
VS = ±12V, RF = 3kΩ, RL= 65Ω, IADJ = C0 = C1 = 0V, TA = +25°C. Amplifiers tested separately.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CHARACTERISTICS
IS+ (Full IS)
Positive Supply Current per Amplifier
All outputs at 0V, C0 = C1 = 0V, RADJ = 0
3.75
4.9
6.5
mA
IS- (Full IS)
Negative Supply Current per Amplifier All outputs at 0V, C0 = C1 = 0V, RADJ = 0
-6.3-4.7-3.5
mA
IS+ (3/4 IS)
Positive Supply Current per Amplifier
All outputs at 0V, C0 = 5V, C1 = 0V, RADJ = 0
3.8
mA
IS- (3/4 IS)
Negative Supply Current per Amplifier All outputs at 0V, C0 = 5V, C1 = 0V, RADJ = 0
-3.5
mA
IS+ (1/2 IS)
Positive Supply Current per Amplifier
All outputs at 0V, C0 = 0V, C1 = 5V, RADJ = 0
1.87
2.6
3.75
mA
IS- (1/2 IS)
Negative Supply Current per Amplifier All outputs at 0V, C0 = 0V, C1 = 5V, RADJ = 0
-3.75
-2.4
-1.75
mA
IS+ (Power-down) Positive Supply Current per Amplifier
All outputs at 0V, C0 = C1 = 5V, RADJ = 0
0.25
1.0
mA
IS- (Power-down)
Negative Supply Current per Amplifier All outputs at 0V, C0 = C1 = 5V, RADJ = 0
-1.0
0
mA
IGND
GND Supply Current per Amplifier
All outputs at 0V
0.25
mA
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
-10
1
+10
mV
ΔVOS
VOS Mismatch
-5
0
+5
mV
IB+
Non-Inverting Input Bias Current
-15
+14
µA
IB-
Inverting Input Bias Current
-30
+30
µA
ΔIB-IB- Mismatch
-25
0
+25
µA
ROL
Transimpedance
13.4
8
M
Ω
eN
Input Noise Voltage
3.5
nV/
√Hz
iN
-Input Noise Current
2pA/
√Hz
VIH
Input High Voltage
C0 and C1 inputs, with signal
1.8
V
C0 and C1 inputs, without signal
1.6
V
VIL
Input Low Voltage
C0 and C1 inputs
0.8
V
IIH0, IIH1
Input High Current for C0, C1
C0 = 5V, C1 = 5V
10
20
40
µA
IIL
Input Low Current for C0 or C1
C0 = 0V, C1 = 0V
-3.0
-0.3
µA
ISL1532


Similar Part No. - ISL1532IVEZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL1532IVEZ-T7 RENESAS-ISL1532IVEZ-T7 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
More results

Similar Description - ISL1532IVEZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Renesas Technology Corp
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
logo
Intersil Corporation
EL1528 INTERSIL-EL1528 Datasheet
130Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533 INTERSIL-ISL1533 Datasheet
106Kb / 2P
   Dual Channel Differential DSL Line Driver
October 12, 2015
ISL1540 INTERSIL-ISL1540 Datasheet
60Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1541 INTERSIL-ISL1541_06 Datasheet
59Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
   Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com