Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6266HRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6266HRZ
Description  Two-phase Core Controllers (Montevina, IMVP-6)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6266HRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6266HRZ Datasheet HTML 1Page - Intersil Corporation ISL6266HRZ Datasheet HTML 2Page - Intersil Corporation ISL6266HRZ Datasheet HTML 3Page - Intersil Corporation ISL6266HRZ Datasheet HTML 4Page - Intersil Corporation ISL6266HRZ Datasheet HTML 5Page - Intersil Corporation ISL6266HRZ Datasheet HTML 6Page - Intersil Corporation ISL6266HRZ Datasheet HTML 7Page - Intersil Corporation ISL6266HRZ Datasheet HTML 8Page - Intersil Corporation ISL6266HRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
®
FN6398.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007-2010 All Rights Reserved. R3 Technology™ is a trademark of Intersil Americas Inc.
All other trademarks mentioned are the property of their respective owners.
ISL6266, ISL6266A
Two-phase Core Controllers
(Montevina, IMVP-6+)
The ISL6266 and ISL6266A are two-phase buck converter
regulators implementing Intel® IMVP-6 protocol with
embedded gate drivers. Both converters use interleaved
channels to double the output voltage ripple frequency and
thereby reduce output voltage ripple amplitude with fewer
components, lower component cost, reduced power
dissipation, and smaller real estate area.
The ISL6266A utilizes the patented R3 Technology™,
Intersil’s Robust Ripple Regulator modulator. Compared with
traditional multiphase buck regulators, the R3 Technology™
has the fastest transient response. This is due to the R3
modulator commanding variable switching frequency during
load transient events.
Intel Mobile Voltage Positioning (IMVP) is a smart voltage
regulation technology, which effectively reduces power
dissipation in Intel Pentium processors. To boost battery life,
the ISL6266A supports DPRSLRVR (deeper sleep),
DPRSTP# and PSI# functions, which maximizes efficiency
by enabling different modes of operation. In active mode
(heavy load), the regulator commands the two phase
continuous conduction mode (CCM) operation. When PSI#
is asserted in active mode (medium load), the ISL6266A
operates in one-phase CCM. When the CPU enters deeper
sleep mode, the ISL6266A enables diode emulation to
maximize efficiency.
For better system power management, the ISL6266A
provides a CPU power monitor output. The analog output at
the power monitor pin can be fed into an A/D converter to
report instantaneous or average CPU power.
A 7-bit digital-to-analog converter (DAC) allows dynamic
adjustment of the core output voltage from 0.300V to 1.500V.
Over-temperature, the ISL6266A achieves a 0.5% system
accuracy of core output voltage.
A unity-gain differential amplifier is provided for remote CPU
die sensing. This allows the voltage on the CPU die to be
accurately measured and regulated per Intel IMVP-6+
specifications. Current sensing can be realized using either
lossless inductor DCR sensing or discrete resistor sensing.
A single NTC thermistor network thermally compensates the
gain and the time constant of the DCR variations.
The ISL6266 also includes all the functions for IMVP-6+
core power delivery. In addition, it has been optimized for
use with coupled-inductor solutions. More information on the
differences between ISL6266 and ISL6266A can be found in
the “Electrical Specifications” on page 3 and the “ISL6266
Features” on page 21.
Features
• Precision Two/One-phase CORE Voltage Regulator
- 0.5% System Accuracy Over-Temperature
- Enhanced Load Line Accuracy
• Internal Gate Driver with 2A Driving Capability
• Dynamic Phase Adding/Dropping
• Microprocessor Voltage Identification Input
- 7-Bit VID Input
- 0.300V to 1.500V in 12.5mV Steps
- Support VID Change On-the-Fly
• Multiple Current Sensing Schemes Supported
- Lossless Inductor DCR Current Sensing
- Precision Resistive Current Sensing
• CPU Power Monitor
• Thermal Monitor
• User Programmable Switching Frequency
• Differential Remote CPU Die Voltage Sensing
• Static and Dynamic Current Sharing
• Support All Ceramic Output with Coupled Inductor
(ISL6266)
• Overvoltage, Undervoltage and Overcurrent Protection
• Pb-Free (RoHS Compliant)
Ordering Information
PART NUMBER
(Note)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL6266HRZ
ISL6266 HRZ
-10 to +100 48 Ld 7x7 QFN L48.7x7
ISL6266HRZ-T*
ISL6266 HRZ
-10 to +100 48 Ld 7x7 QFN L48.7x7
ISL6266AHRZ
ISL6266A HRZ -10 to +100 48 Ld 7x7 QFN L48.7x7
ISL6266AHRZ-T* ISL6266A HRZ -10 to +100 48 Ld 7x7 QFN L48.7x7
ISL6266AIRZ
ISL6266A IRZ -40 to +100 48 Ld 7x7 QFN L48.7x7
ISL6266AIRZ-T* ISL6266A IRZ -40 to +100 48 Ld 7x7 QFN L48.7x7
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials, and
100% matte tin plate plus anneal (e3 termination finish, which is RoHS
compliant and compatible with both SnPb and Pb-free soldering
operations). Intersil Pb-free products are MSL classified at Pb-free peak
reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
June 14, 2010


Similar Part No. - ISL6266HRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6266HRZ INTERSIL-ISL6266HRZ Datasheet
802Kb / 31P
   Two-phase Core Controllers(Montevina, IMVP-6)
August 25, 2015
logo
Renesas Technology Corp
ISL6266HRZ RENESAS-ISL6266HRZ Datasheet
1Mb / 31P
   Two-phase Core Controllers (Montevina, IMVP-6)
logo
Intersil Corporation
ISL6266HRZ-T INTERSIL-ISL6266HRZ-T Datasheet
802Kb / 31P
   Two-phase Core Controllers(Montevina, IMVP-6)
August 25, 2015
logo
Renesas Technology Corp
ISL6266HRZ-T RENESAS-ISL6266HRZ-T Datasheet
1Mb / 31P
   Two-phase Core Controllers (Montevina, IMVP-6)
More results

Similar Description - ISL6266HRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6266HRZ INTERSIL-ISL6266HRZ Datasheet
802Kb / 31P
   Two-phase Core Controllers(Montevina, IMVP-6)
August 25, 2015
logo
Renesas Technology Corp
ISL6266 RENESAS-ISL6266 Datasheet
1Mb / 31P
   Two-phase Core Controllers (Montevina, IMVP-6)
ISL6262A RENESAS-ISL6262A Datasheet
1Mb / 28P
   Two-Phase Core Controller (Santa Rosa, IMVP-6)
December 23, 2008
logo
Intersil Corporation
ISL6262ACRZ INTERSIL-ISL6262ACRZ Datasheet
631Kb / 28P
   Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
ISL6262A INTERSIL-ISL6262A Datasheet
630Kb / 28P
   Two-Phase Core Controller Santa Rosa, IMVP-6
ISL6262CRZ-T INTERSIL-ISL6262CRZ-T Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
ISL6262 INTERSIL-ISL6262 Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
logo
Renesas Technology Corp
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
logo
Intersil Corporation
ISL6262CRZ INTERSIL-ISL6262CRZ Datasheet
559Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Maxim Integrated Produc...
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
   Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com