Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3152EIPZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL3152EIPZ
Description  짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3152EIPZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL3152EIPZ Datasheet HTML 5Page - Intersil Corporation ISL3152EIPZ Datasheet HTML 6Page - Intersil Corporation ISL3152EIPZ Datasheet HTML 7Page - Intersil Corporation ISL3152EIPZ Datasheet HTML 8Page - Intersil Corporation ISL3152EIPZ Datasheet HTML 9Page - Intersil Corporation ISL3152EIPZ Datasheet HTML 10Page - Intersil Corporation ISL3152EIPZ Datasheet HTML 11Page - Intersil Corporation ISL3152EIPZ Datasheet HTML 12Page - Intersil Corporation ISL3152EIPZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
FN6363.2
July 30, 2009
Receiver Skew | tPLH - tPHL |tSKD
(Figure 5)
Full
-
2.5
5
ns
Receiver Enable to Output
Low
tZL
RL = 1kΩ, CL = 15pF, SW = VCC
(Figure 6), (Note 10)
Full
-
8
15
ns
Receiver Enable to Output
High
tZH
RL = 1kΩ, CL = 15pF, SW = GND
(Figure 6), (Note 10)
Full
-
7
15
ns
Receiver Disable from
Output Low
tLZ
RL = 1kΩ, CL = 15pF, SW = VCC
(Figure 6)
Full
-
8
15
ns
Receiver Disable from
Output High
tHZ
RL = 1kΩ, CL = 15pF, SW = GND
(Figure 6)
Full
-
8
15
ns
Time to Shutdown
tSHDN
(Note 11)
Full
60
160
600
ns
Receiver Enable from
Shutdown to Output High
tZH(SHDN) RL = 1kΩ, CL = 15pF, SW = GND
(Figure 6), (Notes 11, 13)
Full
-
-
200
ns
Receiver Enable from
Shutdown to Output Low
tZL(SHDN) RL = 1kΩ, CL = 15pF, SW = VCC
(Figure 6), (Notes 11, 13)
Full
-
-
200
ns
NOTES:
6. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground
unless otherwise specified.
7. Supply current specification is valid for loaded drivers when DE = 0V.
8. Applies to peak current. See “Typical Performance Curves” beginning on page 14 for more information.
9. Keep RE = 0 to prevent the device from entering SHDN.
10. The RE signal high time must be short enough (typically <100ns) to prevent the device from entering SHDN.
11. Transceivers are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 60ns, the parts
are guaranteed not to enter shutdown. If the inputs are in this state for at least 600ns, the parts are guaranteed to have entered
shutdown. See “Low Power Shutdown Mode” on page 13.
12. Keep RE = VCC, and set the DE signal low time >600ns to ensure that the device enters SHDN.
13. Set the RE signal high time >600ns to ensure that the device enters SHDN.
14. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
15. See Figure 8 for more information, and for performance over-temperature.
16. Tested according to TIA/EIA-485-A, Section 4.2.6 (±100V for 15µs at a 1% duty cycle).
17. Limits established by characterization and are not production tested.
Test Circuits and Waveforms
FIGURE 1A. VOD AND VOC
FIGURE 1B. VOD WITH COMMON MODE LOAD
FIGURE 1. DC DRIVER TEST CIRCUITS
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V,
TA =+25°C (Note6). Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 14)
TYP
MAX
(Note 14) UNITS
D
DE
DI
VCC
VOD
VOC
RL/2
RL/2
Z
Y
D
DE
DI
VCC
VOD
375Ω
375Ω
Z
Y
RL = 60Ω
VCM
-7V TO +12V
ISL3150E, ISL3152E, ISL3153E, ISL3155E, ISL3156E, ISL3158E


Similar Part No. - ISL3152EIPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3152EIPZ INTERSIL-ISL3152EIPZ Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIPZ INTERSIL-ISL3152EIPZ Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3152EIPZ INTERSIL-ISL3152EIPZ Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3152EIPZ RENESAS-ISL3152EIPZ Datasheet
1Mb / 34P
   Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3152EIPZ INTERSIL-ISL3152EIPZ Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
More results

Similar Description - ISL3152EIPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3152EIUZ-T INTERSIL-ISL3152EIUZ-T Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
ISL3150E INTERSIL-ISL3150E_08 Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3150E RENESAS-ISL3150E Datasheet
1Mb / 34P
   Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3158AE INTERSIL-ISL3158AE Datasheet
616Kb / 16P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
FN6085 INTERSIL-FN6085 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL83080E_0804 INTERSIL-ISL83080E_0804 Datasheet
876Kb / 19P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL83080E RENESAS-ISL83080E Datasheet
1Mb / 21P
   짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com